MBR20150CG-TQ2-R
AI

The **MBR20150CG-TQ2-R** is a high-voltage Schottky Barrier Rectifier commonly used for power switching, freewheeling, and polarity protection. It is designed for high efficiency and low power loss.
---
### 1. Key Technical Specifications
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Component Type** | Schottky Diode | High-speed switching semiconductor |
| **Configuration** | Dual Common Cathode | Two diodes sharing one cathode pin |
| **Max Repetitive Reverse Voltage ($V_{RRM}$)** | 150V | Maximum voltage it can block |
| **Forward Current ($I_{F(AV)}$)** | 20A (10A per leg) | Total average rectified current |
| **Forward Voltage Drop ($V_F$)** | ~0.90V @ 10A | Voltage lost during conduction |
| **Operating Temperature** | -55°C to +175°C | Thermal operating range |
| **Package Type** | TO-263 (D2PAK) | Surface mount power package |
---
### 2. Functional Characteristics
* **Schottky Barrier Technology:** Unlike standard PN junction diodes, Schottky diodes use a metal-to-silicon barrier. This results in a significantly lower forward voltage drop ($V_F$), which improves energy efficiency in power supplies.
* **Fast Switching:** Because there is no minority carrier recovery time, these diodes switch "on" and "off" almost instantaneously, making them ideal for high-frequency applications.
* **Guard Ring for Stress Protection:** Most MBR series diodes include an internal guard ring for transient protection and to ensure long-term reliability under high-stress conditions.
* **Common Cathode Design:** In the TO-263 package, the two anodes are separate (pins 1 and 3), while the cathode is shared (pin 2 and the mounting tab). This is efficient for "Full-Bridge" or "Center-Tap" rectification circuits.
---
### 3. Pinout Configuration (TO-263 / D2PAK)
| Pin Number | Function |
| :--- | :--- |
| **Pin 1** | Anode 1 |
| **Pin 2 / Tab** | Common Cathode |
| **Pin 3** | Anode 2 |
---
### 4. Common Applications
* **Switching Power Supplies (SMPS):** Used on the output stage to rectify high-frequency AC into DC.
* **DC-DC Converters:** Acts as a freewheeling diode to provide a path for inductor current when the switch is off.
* **Reverse Polarity Protection:** Protects sensitive DC electronics from damage if the battery or power source is connected backwards.
* **Solar Panels:** Used as bypass diodes to prevent hot-spot heating during shading.
---
### 5. Part Number Breakdown (Typical)
* **MBR**: Schottky Barrier Rectifier series.
* **20**: 20 Ampere current rating.
* **150**: 150 Volt reverse voltage rating.
* **CG**: Often denotes specific environmental compliance (e.g., Green/RoHS) or internal die revisions.
* **TQ2**: Refers to the **TO-263** (D2PAK) package style.
* **R**: Indicates **Tape and Reel** packaging for automated assembly.
- ⤷
What are the cooling requirements for the MBR20150CG when operating at full 20A current?
- ⤷ Can this diode be used in a bridge rectifier circuit?
- ⤷ How does the forward voltage drop change as the temperature increases?