MBR245G-Z41-R
AI

The **MBR245G-Z41-R** is a high-performance **Schottky Barrier Rectifier** diode. It is designed for high-frequency applications where low power loss and high efficiency are critical.
---
### 1. Key Technical Specifications
The part number indicates specific electrical characteristics and packaging requirements.
| Parameter | Value / Specification |
| :--- | :--- |
| **Component Type** | Schottky Barrier Diode |
| **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 45 Volts |
| **Maximum Average Forward Current ($I_{F(AV)}$)** | 2.0 Amperes |
| **Forward Voltage Drop ($V_F$)** | Approx. 0.55V (at 2A) |
| **Operating Junction Temperature** | -65°C to +150°C |
| **Packaging / Case** | SMA/SMB or axial (often manufacturer-specific) |
---
### 2. Physical and Chemical Features
* **Schottky Barrier Technology:** Unlike standard silicon diodes, it uses a metal-to-semiconductor junction. This results in a much lower forward voltage drop and faster switching speeds.
* **MBR Series:** This prefix is industry-standard for Schottky rectifiers.
* **"G" Suffix:** Usually denotes a **Green** component (Halogen-free and RoHS compliant).
* **Z41-R:** These are typically internal manufacturer codes indicating specific reel sizes or lead-free finishes.
---
### 3. Core Applications
Due to its high efficiency, the MBR245G is commonly found in:
1. **Switching Power Supplies (SMPS):** Used for rectification in high-frequency DC-DC converters.
2. **Freewheeling Diode:** Protects circuits from voltage spikes generated by inductive loads (motors/relays).
3. **Polarity Protection:** Prevents damage to electronics if batteries or power sources are connected backward.
4. **Low Voltage Inverters:** Ideal for portable electronics where battery life is a priority.
---
### 4. Advantages vs. Disadvantages
#### **Advantages**
* **Very Low Power Loss:** The low $V_F$ ensures less heat is generated.
* **Fast Switching:** Extremely low reverse recovery time ($t_{rr}$), making it suitable for MHz frequency circuits.
* **High Guard Ring:** Usually includes a guard ring for stress protection and long-term reliability.
#### **Disadvantages**
* **Lower Reverse Voltage:** Limited to 45V; not suitable for high-voltage AC mains rectification.
* **Reverse Leakage:** Schottky diodes have higher reverse leakage currents compared to standard PN junction diodes, especially at high temperatures.
---
- ⤷
What are the equivalent alternative part numbers for the MBR245G?
- ⤷ How does the forward voltage drop change with temperature for this diode?
- ⤷ Can this diode be used in a bridge rectifier configuration for 12V AC?