MBR245L-Z41-R
AI

The **MBR245L-Z41-R** is a high-performance **Schottky Barrier Diode** designed for power rectification and protection applications. It is specifically optimized for low forward voltage drop and high efficiency in compact electronic circuits.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical characteristics of the MBR245L-Z41-R:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Maximum Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 45 | Volts |
| **Maximum Average Forward Rectified Current** | $I_{O}$ | 2.0 | Amperes |
| **Peak Forward Surge Current (8.3ms half sine)** | $I_{FSM}$ | 50 | Amperes |
| **Maximum Forward Voltage Drop (@ 2.0A)** | $V_{F}$ | ~0.45 - 0.50 | Volts |
| **Operating Junction Temperature Range** | $T_{J}$ | -55 to +150 | °C |
---
### 2. Functional Features
* **Schottky Barrier Technology:** Utilizes a metal-to-silicon junction to achieve extremely fast switching speeds and low power loss.
* **Low Forward Voltage Drop:** This reduces heat generation and improves energy efficiency, making it ideal for battery-powered devices.
* **Guard Ring Protection:** Often includes an internal guard ring for stress protection and enhanced long-term reliability against transient voltages.
* **Compact Footprint:** Usually supplied in a surface-mount package (like SOD-123FL or similar), allowing for high-density PCB layouts.
---
### 3. Common Applications
Due to its switching speed and efficiency, this part is commonly found in:
1. **DC-DC Converters:** Used as a freewheeling diode in switching power supplies.
2. **Reverse Polarity Protection:** Protecting sensitive circuitry from battery reversal.
3. **OR-ing Diodes:** In redundant power supply systems where multiple sources are combined.
4. **Charging Circuits:** Used in portable electronics and smartphone chargers.
---
### 4. Part Number Breakdown (Typical)
While naming conventions vary by manufacturer (such as Panjit or Diodes Inc.), the code generally breaks down as follows:
* **MBR:** Prefix for Schottky Barrier Rectifier.
* **2:** Indicates a 2.0 Ampere current rating.
* **45:** Indicates a 45 Volt reverse voltage rating.
* **L:** Often signifies "Low Forward Voltage" (Low $V_F$).
* **Z41-R:** Manufacturer-specific suffix denoting packaging type (e.g., SOD-123) and tape-and-reel shipping format.
- ⤷
What are the thermal management requirements for this diode at full 2A load?
- ⤷ How does the 'Low Vf' characteristic affect leakage current at high temperatures?
- ⤷ What is the recommended PCB footprint for the Z41 package variant?