MC-ACT-HDLC-NET
AI

The **MC-ACT-HDLC-NET** is a specialized telecommunications interface module typically used in industrial networking, satellite communications, or high-speed serial data processing. It is designed to bridge **HDLC** (High-Level Data Link Control) protocols with standard Ethernet networking.
### 1. Key Electronic Components & Architecture
| Component Category | Description |
| :--- | :--- |
| **Protocol Controller** | A dedicated FPGA or ASIC designed to handle HDLC framing, bit-stuffing, and CRC calculation at high speeds. |
| **Network Processor** | An ARM or MIPS-based processor that manages the TCP/IP stack and handles the conversion between serial frames and Ethernet packets. |
| **Physical Layer (PHY)** | Dual-purpose PHYs: One for the high-speed serial side (RS-422/449, V.35, or X.21) and one for 10/100/1000 Base-T Ethernet. |
| **Memory Buffer** | High-speed SDRAM or SRAM used to buffer data packets during high-latency satellite transmissions or bursty network traffic. |
| **Isolation Circuitry** | Galvanic isolation (opto-isolators or magnetic transformers) to protect the device from ground loops and surges in industrial environments. |
---
### 2. Functional Specification
The electronic design focuses on "Transparent Mode" or "Framed Mode" data encapsulation.
* **HDLC Interface:** Supports synchronous serial data rates, often ranging from 64 Kbps up to 10+ Mbps. It manages the flags (`0x7E`), address, control fields, and Frame Check Sequence (FCS).
* **Ethernet Integration:** Encapsulates the raw HDLC bitstream into UDP or TCP packets (often using **RAW Socket** or **RFC 1662** standards) for transmission over a standard LAN/WAN.
* **Clocking Circuits:** Includes internal oscillators for clock generation or can "slave" to an external clock provided by a DSU/CSU or satellite modem.
---
### 3. Application Use Cases
1. **Legacy Modernization:** Connecting older serial-based cryptographic gear or telemetry units to modern IP networks.
2. **Satellite Links:** Handling the HDLC framing required for many VSAT (Very Small Aperture Terminal) modems.
3. **SCADA Systems:** Bridging industrial controllers to a centralized management center via Ethernet.
---
### 4. Technical Pinout (General RS-422/530 Reference)
Most MC-ACT modules utilize a high-density connector for serial signals:
| Pin Type | Signal Name | Function |
| :--- | :--- | :--- |
| **TXD+/-** | Transmit Data | Balanced differential pair for outgoing serial data. |
| **RXD+/-** | Receive Data | Balanced differential pair for incoming serial data. |
| **SCLK+/-** | Serial Clock | Provides the timing synchronization for HDLC frames. |
| **GND** | Signal Ground | Reference voltage for the interface. |
- ⤷
What is the maximum data throughput supported by the MC-ACT-HDLC-NET?
- ⤷ Does this module support hardware-based AES encryption for the data stream?
- ⤷ Which specific software drivers are required to interface this module with a Linux-based system?