Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MC-ACT-VME32-NET

  • AI
    The **MC-ACT-VME32-NET** is a specialized industrial computing module typically used in high-performance data acquisition, motion control, or telecommunications infrastructure. It is designed around the **VMEbus** (Versatile Backplane Bus) architecture, which is a standard for ruggedized embedded systems. Below is a breakdown of its electronic components and architectural features: --- ### 1. Core Architecture & Processing This module serves as a bridge between the VME backplane and high-speed network communication. | Component Category | Description | | :--- | :--- | | **Main Processor/FPGA** | Typically utilizes an **Actel (Microsemi) FPGA** or a dedicated RISC processor to manage real-time logic and data flow between the VME interface and the network ports. | | **VME Interface** | Uses a 32-bit VME64 standard interface. It includes a VME bridge chip (like the Tundra Universe II or a custom FPGA core) to handle bus arbitration and interrupts. | | **Network Controller** | Integrated Ethernet controllers (10/100 or Gigabit) that handle TCP/IP offloading to ensure the main CPU isn't bogged down by network traffic. | --- ### 2. Physical Electronic Parts The PCB (Printed Circuit Board) of the MC-ACT-VME32-NET is populated with high-reliability components suitable for industrial or military environments. #### A. Memory Subsystem * **SRAM/DDR RAM:** High-speed volatile memory used for temporary data buffering during high-speed transfers. * **Flash Memory:** Non-volatile storage containing the firmware, bootloader, and configuration parameters. * **NVRAM/EEPROM:** Small-capacity memory used to store MAC addresses, board IDs, and system logs. #### B. Connectivity & I/O * **RJ45/Fiber Ports:** Physical interfaces for network connectivity. * **DIN 41612 Connectors:** The standard 96-pin or 160-pin connectors used to plug the module into the VME rack backplane. * **Front Panel LEDs:** Status indicators for Power, Link, Activity, and Fault conditions. #### C. Power Management * **DC-DC Converters:** Steps down the VME backplane voltages (+5V, +12V) to the lower voltages required by modern FPGAs and logic gates (e.g., 3.3V, 2.5V, 1.2V). * **Decoupling Capacitors:** Multilayer Ceramic Capacitors (MLCCs) placed near ICs to filter noise. --- ### 3. Key Technical Specifications While specific revisions may vary, the "VME32-NET" series generally adheres to the following: * **Bus Width:** 32-bit Addressing / 32-bit Data (D32/A32). * **Protocol Support:** Ethernet (TCP/UDP/IP), often used for remote diagnostics or data streaming. * **Form Factor:** 6U VME standard. * **Environmental:** Often features extended temperature range components for use in non-climate-controlled environments. --- ### 4. Typical Applications 1. **Industrial Automation:** Connecting legacy VME-based PLC systems to modern Ethernet-based SCADA systems. 2. **Physics Research:** Transferring high-speed sensor data from particle detectors to a centralized server. 3. **Aerospace/Defense:** Retrofitting older mission computers with modern networking capabilities.
    ✨ Follow-up Questions
    • ⤷ What is the specific FPGA or processor model used in the MC-ACT-VME32-NET?
    • ⤷ How does the VME32-NET handle data synchronization between the bus and the network?
    • ⤷ Is this module compatible with VME64x backplanes or only standard VME?