MC0412-R68M1
AI

The **MC0412-R68M1** is a surface-mount (SMD) power inductor commonly used in DC-DC converters and power management circuits. It belongs to the category of **molded power inductors**, known for their high efficiency and compact size.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's physical and electrical characteristics:
| Code Segment | Description | Value/Meaning |
| :--- | :--- | :--- |
| **MC** | Series Type | Metal Composite / Molded Choke |
| **0412** | Dimensions | Approx. 4.0mm x 4.0mm x 1.2mm |
| **R68** | Inductance Value | 0.68 µH (Microhenries) |
| **M** | Tolerance | ±20% |
| **1** | Internal Code | Manufacturer-specific revision/packaging |
---
### 2. Key Electrical Specifications
Based on standard industry parameters for the 0412-R68M series:
* **Inductance:** 0.68 µH
* **DC Resistance (DCR):** Typically very low (approx. 15–20 mΩ) to minimize power loss.
* **Saturation Current ($I_{sat}$):** The current level where inductance drops by a specific percentage (e.g., 30%). For this size, it is usually between **7A to 9A**.
* **Heat Rating Current ($I_{rms}$):** The continuous current that causes a temperature rise (usually 40°C).
* **Operating Temperature:** Generally rated for **-40°C to +125°C**.
---
### 3. Construction and Materials
The "MC" series utilizes a **Metal Composite Core**. This design offers several advantages over traditional ferrite inductors:
1. **Soft Saturation:** The inductance drops gradually as current increases, rather than dropping off suddenly.
2. **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with nearby components.
3. **High Current Density:** The composite metal powder allows for higher current handling in a smaller footprint.
---
### 4. Common Applications
Due to its low profile (1.2mm height) and high current capability, the MC0412-R68M1 is typically found in:
* **Smartphones and Tablets:** Voltage regulation for CPUs/GPUs.
* **Laptops:** Point-of-Load (POL) converters.
* **SSD Drives:** Power management for flash controllers.
* **Automotive Electronics:** Infotainment and ADAS sensors (if AEC-Q200 qualified).
---
- ⤷
What are the equivalent alternatives for the MC0412-R68M1 from other manufacturers?
- ⤷ How does the 1.2mm height impact the thermal performance compared to taller inductors?
- ⤷ Can this inductor be used in high-frequency switching applications above 2MHz?