MC0420-R22M1
AI

The **MC0420-R22M1** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters and power management modules. It belongs to the molded power inductor category, known for its compact size and high current handling capabilities.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify its technical physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **MC** | Series Type | Metal Composite (Molded) Inductor |
| **0420** | Size Code | Approx. 4.0mm x 4.0mm x 2.0mm |
| **R22** | Inductance Value | 0.22 microhenries (µH) |
| **M** | Tolerance | ±20% |
| **1** | Design Code | Internal revision or specific packaging style |
---
### 2. Key Technical Specifications
Below are the typical electrical parameters for this class of component:
| Parameter | Value (Typical) |
| :--- | :--- |
| **Inductance** | 0.22 µH |
| **DC Resistance (DCR)** | ~4.0 mΩ to 7.0 mΩ |
| **Saturation Current (Isat)** | ~12.0 A to 15.0 A |
| **Heating Current (Irms)** | ~9.0 A to 11.0 A |
| **Operating Temperature** | -40°C to +125°C |
---
### 3. Material and Construction
The "MC" series utilizes **Metal Alloy Powder** technology:
* **Molded Construction:** The coil is placed inside a mold and pressed with metallic powder. This results in a shielded structure that minimizes EMI (Electromagnetic Interference).
* **Soft Saturation:** Unlike ferrite inductors that lose inductance sharply when current increases, metal composite inductors have a "soft" saturation curve, making them more stable under heavy loads.
---
### 4. Common Applications
Due to its low profile and high current capacity, the MC0420-R22M1 is frequently found in:
* **Voltage Regulator Modules (VRM):** For CPUs and GPUs in laptops.
* **DC-DC Converters:** Point-of-load (POL) power supplies.
* **Handheld Devices:** Smartphones and tablets where board space is limited.
* **Automotive Electronics:** Infotainment systems and ADAS sensors.
---
### 5. Footprint (Land Pattern)
When designing a PCB, the typical dimensions for the 0420 package are:
```markdown
- Length (L): 4.1 mm ± 0.3
- Width (W): 4.1 mm ± 0.3
- Height (H): 2.1 mm Max
```
- ⤷
What is the difference between Isat and Irms for this inductor?
- ⤷ Can this inductor be used in high-frequency switching applications above 1MHz?
- ⤷ What are the equivalents from other manufacturers like Coilcraft or Vishay?