MC1350-R68M1
AI

The **MC1350-R68M1** is a high-performance, surface-mount (SMD) power inductor. These components are primarily used for energy storage and filtering in power management circuits.
---
### 1. Technical Specifications
Below are the typical electrical characteristics for the R68 series of this component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.68 µH |
| **Tolerance** | ±20% (M) |
| **Case Size** | 1350 (approx. 13.5 x 12.5 x 5.0 mm) |
| **DC Resistance (DCR)** | Extremely Low (typically < 2.0 mΩ) |
| **Saturation Current ($I_{sat}$)** | Very High (typically 30A - 50A range) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Physical Construction
The "MC1350" designation refers to the physical footprint and material composition:
* **Molded Construction:** The coil is encapsulated in a metallic iron powder core. This design provides excellent magnetic shielding to minimize Electromagnetic Interference (EMI).
* **Small Footprint:** Despite the high current capability, the 1350 size is designed for high-density PCB layouts.
* **Solderability:** Features lead-free (RoHS compliant) terminals suitable for reflow soldering.
---
### 3. Key Functions & Applications
The MC1350-R68M1 serves several critical roles in electronic assemblies:
#### A. Energy Storage
In **DC-DC Buck Converters**, this inductor stores energy in its magnetic field during the "on" cycle of the switching transistor and releases it to the load during the "off" cycle, maintaining a steady output voltage.
#### B. Noise Filtering
It acts as a low-pass filter, smoothing out high-frequency ripple current generated by switching power supplies, ensuring "clean" power reaches sensitive components like CPUs or GPUs.
#### C. Common Use Cases
* **Computing:** Voltage Regulator Modules (VRMs) for Motherboards and Servers.
* **Consumer Electronics:** High-current power supplies for gaming consoles and TVs.
* **Industrial:** Distributed power systems and DC-DC converters.
---
### 4. Part Number Breakdown
* **MC:** Series prefix (often identifying the manufacturer's molded series).
* **1350:** Dimensions (13mm x 12.5mm base, 5.0mm height).
* **R68:** Inductance value ($0.68$ microhenries).
* **M:** Tolerance code ($\pm 20\%$).
* **1:** Revision or packaging code.
- ⤷
What is the significance of the 'Saturation Current' for this inductor?
- ⤷ How does the molded iron powder core compare to traditional ferrite cores?
- ⤷ Can this part be used in automotive applications?