Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MC20-R18K-RC

  • AI
    The **MC20-R18K-RC** is a precision chip resistor manufactured by specialized electronic component producers (such as Stackpole Electronics or similar manufacturers using standard industry naming conventions). It is commonly used in high-density surface-mount applications. --- ### 1. Key Technical Specifications The alphanumeric code provides specific details regarding its electrical and physical properties: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Fixed Chip Resistor | Surface Mount Device (SMD) | | **Resistance Value** | 18 kΩ (18,000 Ohms) | Determined by the "18K" code | | **Tolerance** | ±1% or ±5% | Typically "RC" denotes RoHS Compliance & standard precision | | **Case Size** | 0805 or 1206 | Depends on the specific series prefix (usually 0805) | | **Composition** | Thick Film | Metal glaze on a high-grade ceramic body | --- ### 2. Component Composition This part consists of several layers designed for stability and durability: 1. **Ceramic Substrate:** A high-purity Alumina ($Al_2O_3$) base that provides mechanical strength and thermal insulation. 2. **Resistive Element:** A ruthenium oxide ($RuO_2$) thick film layer that dictates the 18kΩ resistance. 3. **Protective Coating:** An epoxy or glass overcoat that shields the element from moisture and mechanical damage. 4. **Terminations:** Multi-layer end electrodes, typically consisting of: * **Inner layer:** Silver (Ag) or Copper (Cu). * **Barrier layer:** Nickel (Ni) to prevent "leaching" during soldering. * **Outer layer:** Matte Tin (Sn) for excellent solderability. --- ### 3. Application Use Cases The **18kΩ** resistor value is a standard E-series value used across various electronic circuits: * **Pull-up/Pull-down Resistors:** Used in digital logic circuits to ensure a stable high or low signal state. * **Voltage Dividers:** Coupled with another resistor to scale down voltages for ADC (Analog-to-Digital Converter) inputs. * **LED Current Limiting:** Restricting current for low-power indicator LEDs. * **Feedback Loops:** Used in operational amplifier (Op-Amp) circuits to set the gain. --- ### 4. Environmental & Compliance The **-RC** suffix is a critical indicator in modern electronics: * **RoHS Compliant:** The part does not contain Lead (Pb), Mercury, Cadmium, or other restricted hazardous substances. * **Reach Compliant:** Adheres to European chemical safety standards.
    ✨ Follow-up Questions
    • ⤷ What is the power rating (wattage) for the MC20 series?
    • ⤷ How does the '18K' code translate to a 4-digit SMD marking?
    • ⤷ What are the recommended soldering temperature profiles for this component?