MC20-R56K-RC
AI

The **MC20-R56K-RC** is a high-performance **surface-mount (SMD) power inductor** typically manufactured by companies like Multicomp Pro. It is designed for use in power management circuits where high current handling and low resistance are critical.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical properties:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.56 µH (Microhenries) |
| **Tolerance** | ±10% (Indicated by the 'K' in the part number) |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Material Core** | Carbonyl Iron / Magnetic Metal Powder |
| **Shielding** | Shielded (Reduces EMI/RFI interference) |
| **RoHS Compliance** | Yes (Indicated by 'RC') |
### 2. Physical Characteristics
* **Case Size:** The "20" series usually refers to the physical footprint (dimensions vary slightly by manufacturer, but often correspond to roughly 2.0mm x 1.6mm or 2.5mm x 2.0mm).
* **Construction:** These inductors are often "molded," meaning the coil is embedded in a metallic powder composite. This design allows for a very high saturation current in a compact size.
### 3. Key Electronic Functions
1. **Energy Storage:** In DC-DC converters (Buck or Boost), it stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle.
2. **Filtering:** It acts as a low-pass filter, smoothing out high-frequency ripple current from switching power supplies to provide a steady DC voltage.
3. **Soft Saturation:** Because of its composite core, the inductance does not drop abruptly when the current increases, making the circuit more stable under heavy loads.
### 4. Common Applications
* **Mobile Devices:** Smartphones and tablets where board space is limited.
* **Voltage Regulator Modules (VRM):** Used in CPUs and GPUs to manage high-current power delivery.
* **IoT Sensors:** Efficient power management for battery-operated devices.
* **Automotive Electronics:** Infotainment and driver assistance systems (if rated for appropriate temperatures).
---
- ⤷
What is the maximum current rating (Irms) for the MC20-R56K-RC?
- ⤷ How does the 'shielded' design of this inductor affect nearby components?
- ⤷ What are the recommended reflow soldering profiles for this specific package size?