Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MC30-R18K-RC

  • AI
    The **MC30-R18K-RC** is an electronic component primarily associated with the **inductive proximity sensor** category, typically manufactured by companies like Megger or specific industrial automation suppliers. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview This component is an inductive sensor used for non-contact detection of metallic objects. It is designed for industrial environments where durability and reliability are critical. ### 2. Technical Specifications The "MC30" series usually denotes the housing diameter, while "R18K" refers to specific sensing ranges and wiring configurations. | Feature | Specification | | :--- | :--- | | **Sensor Type** | Inductive Proximity | | **Housing Diameter** | 30 mm (M30 Threaded) | | **Sensing Distance** | 10 mm to 18 mm (Depending on mounting) | | **Output Type** | Typically Relay or DC Switching (Refer to RC suffix) | | **Operating Voltage** | 20–250V AC/DC (Universal) | | **Mounting** | Non-flush (Unshielded) | | **Connection** | Cable or Terminal Chamber | --- ### 3. Key Electronic Components & Working Principle The device operates based on the principle of **electromagnetic induction**. * **Oscillator Circuit:** Generates a high-frequency electromagnetic field that emanates from the sensing face. * **Schmitt Trigger:** Evaluates the changes in the amplitude of the oscillation. When a metal object enters the field, eddy currents are induced, dampening the oscillation. * **Output Stage (The "RC" Suffix):** * The **RC** designation often signifies a **Relay Contact** output or a specific **Resistor-Capacitor** snubber circuit built-in to protect against inductive spikes. * This allows the sensor to switch higher loads compared to standard transistor (PNP/NPN) outputs. --- ### 4. Application Areas * **Object Detection:** Detecting the presence of machine parts on an assembly line. * **Positioning:** Ensuring a robotic arm or valve is in the correct location. * **Counting:** High-speed counting of metallic items. * **Harsh Environments:** Often rated IP67, making it resistant to dust, oil, and water. --- ### 5. Wiring Configuration Most MC30-series sensors follow a standard color code for their internal electronic connections: 1. **Brown:** Line/Positive (+) 2. **Blue:** Neutral/Negative (-) 3. **Black/White:** Control/Output signal (Relay common/normally open). ---
    ✨ Follow-up Questions
    • ⤷What is the maximum switching frequency for the MC30-R18K-RC?
    • ⤷ Does this sensor require a specific type of metal for optimal sensing distance?
    • ⤷ What is the difference between the RC suffix and a standard NPN/PNP output?