Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MC3361BPL-S16-R

  • AI
    ## Overview of the MC3361BPL-S16-R The **MC3361BPL-S16-R** is a narrow-band FM IF (Intermediate Frequency) receiver integrated circuit. It is primarily designed for low-power communication devices such as cordless telephones, walkie-talkies, and FM scanning receivers. --- ### 1. Key Technical Specifications | Parameter | Description | | :--- | :--- | | **Function** | Low Power Narrowband FM IF System | | **Operating Voltage** | 2.0V to 8.0V (Wide Range) | | **Current Consumption** | 3.9 mA (Typical) | | **Package Type** | SOP-16 (Small Outline Package, 16 pins) | | **Operating Frequency** | Typically used for 455 kHz IF | | **Sensitivity** | 2.0 $\mu$V (Input for -3dB Limiting) | --- ### 2. Internal Functional Blocks This IC integrates almost all the components required for the IF stage of an FM receiver into a single chip: 1. **Oscillator:** A local oscillator that usually works with an external crystal to down-convert the signal. 2. **Mixer:** A Gilbert-cell mixer that converts the RF/High-IF signal to the 455 kHz standard IF. 3. **Limiting Amplifier:** Provides high gain and clips the signal to remove amplitude noise. 4. **Quadrature Detector:** Demodulates the FM signal into an audio signal using an external LC tank circuit or ceramic resonator. 5. **Active Filter:** Used for recovering the data or voice signal. 6. **Squelch Circuit:** Mutes the audio output when no carrier signal is detected to prevent static noise. --- ### 3. Pinout Configuration (SOP-16) Below is a simplified representation of the typical pin functions for the MC3361 series: | Pin | Symbol | Description | | :--- | :--- | :--- | | 1 | Osc In | Oscillator Input | | 2 | Osc Out | Oscillator Output | | 3 | Mixer Out | Mixer Output | | 4 | Vcc | Supply Voltage | | 5 | Limiter In | Limiter Amplifier Input | | 8 | Quad In | Quadrature Detector Input | | 9 | AF Out | Audio Frequency Output | | 12 | Mute | Mute/Squelch Control | | 16 | RF In | Mixer Input | --- ### 4. Typical Application Circuit The IC is commonly used in a "Double Superheterodyne" architecture where it handles the second conversion stage. ```c // Concept of Signal Flow in MC3361B [RF Input] -> [Mixer] -> [455kHz Ceramic Filter] -> [Limiter] -> [Demodulator] -> [Audio Out] ^ [Local Oscillator] ``` --- ### 5. Part Number Suffix Breakdown * **MC3361:** Base part number. * **B:** Improved version (often higher performance or lower power). * **PL:** Plastic Package. * **S16:** SOP-16 (16-pin Small Outline Package). * **R:** Tape and Reel (Packaging for automated assembly).
    ✨ Follow-up Questions
    • ⤷ What are the differences between the MC3361 and the MC3362?
    • ⤷ What external components are required for the quadrature detector pin?
    • ⤷ Can this IC be used for digital FSK data demodulation?