Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MC44BS373CADR2

  • AI
    ## MC44BS373CADR2: Technical Overview The **MC44BS373CADR2** is a highly integrated **Audio/Video Modulator** IC designed primarily for use in VCRs, set-top boxes, and digital satellite receivers. It converts baseband NTSC/PAL video and audio signals into a Radio Frequency (RF) signal for transmission to a television's antenna input. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | NXP Semiconductors (formerly Freescale) | | **Package** | SOIC-16 (Small Outline Integrated Circuit) | | **Operating Voltage** | 5.0V (Typical) | | **Frequency Range** | VHF and UHF (Channels 21–69) | | **Interface** | I2C Bus Controlled | | **Sound Carrier** | Programmable (4.5, 5.5, 6.0, 6.5 MHz) | | **Modulation Type** | Negative Video Modulation; FM Audio | --- ### 2. Functional Blocks The internal architecture of the MC44BS373CADR2 consists of several critical electronic sections: 1. **PLL Synthesizer:** Uses a Phase-Locked Loop to ensure high frequency stability. It allows for digital tuning via the I2C interface, eliminating the need for manual trimmers. 2. **Video Modulator:** Processes the composite video signal. It includes a peak white clipper to prevent over-modulation. 3. **Audio Subcarrier Generator:** Generates the FM sound carrier. The frequency is selectable to match different regional standards (e.g., PAL B/G, I, D/K or NTSC). 4. **RF Mixer & Amplifier:** Combines the video and audio carriers and amplifies them to a level suitable for driving a 75-ohm coaxial cable. 5. **Logical Control:** An on-chip I2C interface that handles commands for channel selection, power-down modes, and test pattern generation. --- ### 3. Pin Configuration (SOIC-16) Below is a simplified representation of the pinout: | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | **VCC** | +5V Supply Voltage | | 4 | **SDA** | I2C Data Input | | 5 | **SCL** | I2C Clock Input | | 10 | **VIDEO** | Composite Video Input | | 12 | **AUDIO** | Audio Signal Input | | 15 | **RFOUT** | RF Modulated Output Signal | | 16 | **GND** | Ground | --- ### 4. Application Circuit Diagram (Conceptual) ```mermaid graph LR Video_In -->|AC Coupled| MC44BS373 Audio_In -->|AC Coupled| MC44BS373 MCU -->|I2C| MC44BS373 MC44BS373 -->|RF Signal| TV_Tuner 5V_Supply --> MC44BS373 ``` --- ### 5. Notable Features * **Low Power Standby:** Includes a power-down mode to reduce consumption when the RF output is not required. * **Test Pattern:** Integrated internal test pattern generator (usually vertical bars) to assist in TV tuning without an external source. * **Minimal External Components:** Requires very few external resistors and capacitors, reducing the overall PCB footprint.
    ✨ Follow-up Questions
    • ⤷What are the specific I2C commands used to change the output channel on this IC?
    • ⤷ What are the common failure symptoms for the MC44BS373CADR2 in consumer electronics?
    • ⤷ How does the 'Sound Carrier' frequency vary between NTSC and PAL standards for this chip?