MC4556-S08-R
AI

The **MC4556-S08-R** is a high-performance, high-speed dual operational amplifier (Op-Amp). It is specifically designed to provide high output current capability and wide bandwidth, making it an excellent choice for audio pre-amplifiers and industrial control circuits.
---
### 1. General Specifications
The following table summarizes the key electrical characteristics of the MC4556-S08-R:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Dual Operational Amplifier |
| **Operating Voltage** | ±2V to ±18V |
| **Output Current** | High (up to 70mA typical) |
| **Gain Bandwidth Product** | 8 MHz |
| **Slew Rate** | 3 V/µs |
| **Package Type** | SOP-8 (Surface Mount) |
| **Input Offset Voltage** | 0.5 mV (Typical) |
---
### 2. Pin Configuration (SOP-8)
As a dual op-amp in an 8-pin package, the pinout follows the industry standard for dual amplifiers:
1. **Pin 1 (OUTPUT A):** Output of the first amplifier.
2. **Pin 2 (INPUT A-):** Inverting input of the first amplifier.
3. **Pin 3 (INPUT A+):** Non-inverting input of the first amplifier.
4. **Pin 4 (V-):** Negative power supply or Ground.
5. **Pin 5 (INPUT B+):** Non-inverting input of the second amplifier.
6. **Pin 6 (INPUT B-):** Inverting input of the second amplifier.
7. **Pin 7 (OUTPUT B):** Output of the second amplifier.
8. **Pin 8 (V+):** Positive power supply.
---
### 3. Key Features and Advantages
* **High Current Drive:** Unlike standard op-amps (like the LM358), the MC4556 can drive low-impedance loads (such as headphones or small speakers) directly due to its high output current capability.
* **Low Noise:** It offers low input noise voltage, which is essential for high-fidelity audio applications.
* **Wide Power Range:** It can operate on a wide range of voltages, allowing for flexibility in both battery-powered and mains-powered designs.
* **Short-Circuit Protection:** The outputs are generally protected against short circuits, increasing the robustness of the final product.
---
### 4. Typical Applications
The MC4556 is most commonly found in the following electronic circuits:
* **Headphone Amplifiers:** Due to its ability to drive low-impedance loads.
* **Audio Mixers:** Used in the gain stages of professional audio equipment.
* **Active Filters:** High-speed processing for signal filtering.
* **Industrial Converters:** Signal conditioning for sensors requiring a higher current drive.
---
### 5. Part Number Breakdown
The suffix often indicates the packaging and manufacturer-specific details:
* **MC4556:** The core part number (based on the RC4556 architecture).
* **S08:** Indicates the **SOP-8** (Small Outline Package) form factor.
* **R:** Usually indicates **Tape & Reel** packaging for automated assembly.
- ⤷
What are the main differences between the MC4556 and the NE5532?
- ⤷ Can the MC4556 be used in a single-supply configuration?
- ⤷ What is the maximum load impedance recommended for the MC4556?