MC4558-S08-R
AI

## MC4558-S08-R Electronic Component Overview
The **MC4558-S08-R** is a high-performance monolithic dual operational amplifier. It is widely used in audio pre-amplifiers, signal conditioning, and active filters due to its internal compensation and robust design.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the MC4558:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Dual Operational Amplifier |
| **Package** | SOP-8 (Small Outline Package) |
| **Supply Voltage Range** | ±4V to ±18V (Dual) / 8V to 36V (Single) |
| **Bandwidth (Unity Gain)** | 3.0 MHz |
| **Slew Rate** | 1.1 V/µs |
| **Input Bias Current** | 30 nA (Typical) |
| **Input Offset Voltage** | 2.0 mV (Typical) |
| **Voltage Gain** | 100 dB |
---
### 2. Part Number Breakdown (MC4558-S08-R)
Understanding the suffix nomenclature is essential for sourcing and PCB design:
* **MC4558**: The base part number for the dual general-purpose Op-Amp.
* **S08**: Indicates the package type, specifically **SOP-8** (Surface Mount Device).
* **R**: Typically denotes **Tape & Reel** packaging for automated assembly lines.
---
### 3. Pin Configuration (SOP-8)
The MC4558 follows the industry-standard pinout for dual operational amplifiers:
```text
TOP VIEW
+----U----+
OUT1| 1 8 | VCC+
IN1-| 2 7 | OUT2
IN1+| 3 6 | IN2-
VCC-| 4 5 | IN2+
+---------+
```
---
### 4. Features & Advantages
* **No Frequency Compensation Required:** The chip is internally compensated for stability.
* **Short-Circuit Protection:** Features internal protection to prevent damage during output shorts.
* **No Latch-up:** Designed to prevent the common latch-up issues found in older Op-Amp designs.
* **Wide Common-Mode Range:** Operates effectively even when input voltages approach the supply rails.
---
### 5. Common Applications
1. **Audio Processing:** Used in mixers, tone control circuits, and headphone amplifiers because of its low noise and high gain.
2. **Active Filters:** Ideal for Low-pass, High-pass, and Band-pass filters in analog signal chains.
3. **Instrumentation:** Buffering signals and performing mathematical operations (addition/subtraction) in sensor circuits.
4. **Voltage Follower:** Used to isolate different stages of a circuit to prevent loading effects.
- ⤷
What are the main differences between the MC4558 and the NE5532 for audio applications?
- ⤷ Can the MC4558 be operated using a single 5V power supply?
- ⤷ What is the recommended layout practice for the SOP-8 footprint to reduce noise?