MC4580-P08-R
AI

## Technical Overview: MC4580-P08-R
The **MC4580-P08-R** is a high-performance, low-noise dual operational amplifier (Op-Amp) manufactured by UTC (Unisonic Technologies Co., Ltd). It is designed specifically for high-quality audio applications and precision signal processing.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Op-Amp Type** | Dual Operational Amplifier |
| **Package Type** | SOP-8 (Surface Mount) |
| **Operating Voltage** | ±2V to ±18V (Dual) / 4V to 36V (Single) |
| **Gain Bandwidth Product** | 15 MHz (Typical) |
| **Slew Rate** | 5 V/µs (Typical) |
| **Input Noise Voltage** | 5 nV/√Hz |
| **Output Drive Capability** | 600Ω / 10Vrms |
| **Total Harmonic Distortion (THD)** | 0.0005% (Typical) |
---
### 2. Functional Characteristics
* **Low Noise & Distortion:** The primary strength of this IC is its extremely low noise floor and harmonic distortion, making it ideal for "Hi-Fi" audio equipment.
* **High Output Drive:** Unlike standard op-amps (like the LM358), the MC4580 can drive lower impedance loads (up to 600Ω) without significant signal degradation.
* **Wide Bandwidth:** With a 15 MHz bandwidth, it handles high-frequency signals with high fidelity, ensuring minimal phase shift in the audible spectrum.
---
### 3. Pinout Configuration (SOP-8)
| Pin Number | Symbol | Function |
| :---: | :--- | :--- |
| 1 | OUTPUT A | Output of first amplifier |
| 2 | -INPUT A | Inverting input of first amplifier |
| 3 | +INPUT A | Non-inverting input of first amplifier |
| 4 | V- | Negative Power Supply / Ground |
| 5 | +INPUT B | Non-inverting input of second amplifier |
| 6 | -INPUT B | Inverting input of second amplifier |
| 7 | OUTPUT B | Output of second amplifier |
| 8 | V+ | Positive Power Supply |
---
### 4. Common Applications
1. **Audio Preamplifiers:** Used in mixing consoles and professional audio interfaces for clean signal amplification.
2. **Active Filters:** Excellent for high-order Butterworth or Linkwitz-Riley crossovers due to its high slew rate.
3. **Headphone Amplifiers:** Because of its 600Ω drive capability, it can power headphones directly in some circuit designs.
4. **Industrial Control:** Used in precision measurement instruments where low offset and noise are required.
---
- ⤷
What are the main differences between the MC4580 and the NE5532?
- ⤷ Can the MC4580 be used in a single-supply 5V circuit?
- ⤷ What is the thermal operating range for the MC4580-P08-R?