MC4580L-S08-R
AI

## Technical Overview: MC4580L-S08-R
The **MC4580L-S08-R** is a high-performance, dual operational amplifier (Op-Amp) manufactured by UTC (Unisonic Technologies). It is specifically engineered for high-quality audio applications, offering low noise and low distortion characteristics.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the MC4580 series:
| Parameter | Value / Range |
| :--- | :--- |
| **Number of Channels** | Dual (2 Op-Amps in one package) |
| **Operating Voltage** | ±2.0V to ±18V |
| **Gain Bandwidth Product** | 15 MHz (Typical) |
| **Slew Rate** | 5 V/µs (Typical) |
| **Input Noise Voltage** | 0.8 µVrms (Typical) |
| **Total Harmonic Distortion (THD)** | 0.0005% |
| **Output Current** | 50 mA (Minimum) |
---
### 2. Part Number Breakdown
Understanding the suffix helps identify the physical and environmental properties of the chip:
* **MC4580**: The base model number (equivalent to the industry standard RC4580).
* **L**: Lead-free/Halogen-free plating (Environmentally friendly).
* **S08**: Package type—**SOP-8** (Small Outline Package with 8 pins).
* **R**: Tape & Reel packaging (Standard for automated PCB assembly).
---
### 3. Pin Configuration (SOP-8)
```text
Top View (SOP-8)
+-------u-------+
OUT A | 1 8 | VCC (+)
-IN A | 2 7 | OUT B
+IN A | 3 6 | -IN B
VEE(-)| 4 5 | +IN B
+---------------+
```
---
### 4. Applications and Use Cases
Because of its high output current and low noise floor, it is commonly found in:
1. **Audio Preamplifiers:** Used to boost weak signals from microphones or instruments.
2. **Headphone Amplifiers:** Capable of driving low-impedance headphones directly.
3. **Active Filters:** High bandwidth allows for precise audio crossovers and EQ circuits.
4. **Mixing Consoles:** Found in professional audio gear for signal routing.
---
### 5. Notable Advantages
* **High Drive Capability:** Unlike many standard Op-Amps, it can drive 600Ω loads, making it ideal for professional line-level signals.
* **Drop-in Replacement:** It is pin-compatible with other common Op-Amps like the NE5532 or RC4580, though it offers specific noise performance advantages.
---
- ⤷What are the primary differences between the MC4580 and the NE5532?
- ⤷ Can the MC4580 be used in single-supply power configurations?
- ⤷ How does the 'L' suffix impact the soldering process for this component?