MCI1812-R015JB
AI

The **MCI1812-R015JB** is a specific surface-mount electronic component, specifically a **Wire-wound Chip Inductor**. These parts are designed for high-frequency applications where high stability and high "Q" factors are required.
---
## 1. Technical Specifications
Below are the primary electrical and physical characteristics of the MCI1812-R015JB:
| Parameter | Value |
| :--- | :--- |
| **Component Type** | Inductor (Fixed) |
| **Inductance** | 0.015 µH (15 nH) |
| **Tolerance** | ±5% (indicated by 'J') |
| **Case Size (EIA)** | 1812 |
| **Case Size (Metric)** | 4532 |
| **Construction** | Wire-wound / Molded |
| **DC Resistance (DCR)** | ~0.13 - 0.16 Ohms (Max) |
| **Rated Current** | ~450 mA |
| **Self-Resonant Frequency** | > 700 MHz |
---
## 2. Part Number Breakdown
Understanding the nomenclature helps identify the component's capabilities:
* **MCI**: Series prefix (Multi-layer/Molded Chip Inductor).
* **1812**: Physical dimensions ($0.18 \times 0.12$ inches).
* **R015**: Inductance value. "R" acts as a decimal point ($R015 = 0.015$ µH).
* **J**: Tolerance code. J represents **±5%**.
* **B**: Packaging code (usually refers to Bulk or Tape & Reel specifics).
---
## 3. Key Applications
Because of its wire-wound construction and 1812 footprint, this part is commonly used in:
1. **RF Circuits:** High-frequency oscillators and signal filtering.
2. **Impedance Matching:** Used in antenna circuits to ensure maximum power transfer.
3. **EMI Suppression:** Filtering noise in power supply lines.
4. **Telecommunications:** Infrastructure equipment and wireless communication modules.
---
## 4. Materials and Construction
The device typically consists of a ceramic or ferrite core with a copper wire wound around it. The entire assembly is then encapsulated in a thermoset plastic (molded) to protect it from mechanical stress and moisture, ensuring high reliability during the PCB reflow soldering process.
---
- ⤷
What are the main differences between wire-wound and multilayer inductors?
- ⤷ How does the 1812 package size compare to 0603 in terms of power handling?
- ⤷ What does the 'Q factor' represent in this specific inductor?