MCI21F-R18KA
AI

The **MCI21F-R18KA** is a surface-mount multilayer ceramic chip inductor, typically manufactured by companies like **Samsung Electro-Mechanics**. It is designed for high-frequency circuits where small size and high reliability are required.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the technical specifications:
| Code Segment | Specification | Details |
| :--- | :--- | :--- |
| **MCI** | Series | Multilayer Chip Inductor |
| **21** | Size (EIA) | 0805 (Metric 2012) |
| **F** | Material Code | Material optimized for high-frequency application |
| **R18** | Inductance Value | **0.18 μH** (R denotes decimal point) |
| **K** | Tolerance | **±10%** |
| **A** | Termination/Packing | Standard terminal plating (usually Sn) |
---
### 2. Key Technical Specifications
These components are characterized by their "Q factor" and resonant frequency, making them suitable for signal processing rather than power conversion.
* **Inductance:** 0.18 µH (180 nH).
* **Tolerance:** ±10%.
* **Case Size:** 0805 (2.0mm x 1.25mm).
* **DC Resistance (DCR):** Low resistance to minimize power loss.
* **Self-Resonant Frequency (SRF):** High SRF ensures the part acts as an inductor over a wide frequency range.
* **Operating Temperature:** Typically -55°C to +125°C.
---
### 3. Internal Construction
The "Multilayer" aspect refers to how the part is built:
1. **Ceramic Body:** Thin layers of ceramic material are stacked.
2. **Internal Electrodes:** Silver (Ag) or similar conductive paste is printed in a spiral pattern on each layer.
3. **Vias:** Vertical connections connect the layers to form a continuous 3D coil inside the ceramic block.
4. **Termination:** The ends are plated with Nickel (Ni) and Tin (Sn) to allow for SMD soldering.
---
### 4. Common Applications
Due to its 0.18 µH value and multilayer build, this part is found in:
* **RF Matching Circuits:** Used in smartphones and Wi-Fi modules to match impedance.
* **EMI Suppression:** Filtering high-frequency noise in signal lines.
* **LC Filters:** Combining with capacitors to create band-pass or low-pass filters.
---
- ⤷
What are the main differences between multilayer and wire-wound inductors?
- ⤷ How does the 'Q factor' affect the performance of the MCI21F-R18KA?
- ⤷ What is the maximum current rating (Irms) for this specific inductor size?