MCL103C
AI

## Overview of the MCL103C Schottky Diode
The **MCL103C** is a Small Signal Schottky Barrier Diode designed in a Micro-MELF (SOD-80) glass package. It is primarily used for high-speed switching, clamping, and protection circuits due to its low forward voltage drop and fast recovery time.
---
### 1. Key Technical Specifications
| Parameter | Symbol | Typical Value |
| :--- | :--- | :--- |
| **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 20 V |
| **Forward Continuous Current** | $I_{F}$ | 200 mA |
| **Forward Voltage Drop** ($I_F = 200mA$) | $V_F$ | 0.60 V (Max) |
| **Reverse Leakage Current** ($V_R = 15V$) | $I_R$ | 5.0 µA |
| **Junction Capacitance** ($V_R = 0V, f = 1MHz$) | $C_J$ | 50 pF |
| **Power Dissipation** | $P_{tot}$ | 400 mW |
---
### 2. Main Characteristics
* **Low Forward Voltage ($V_F$):** Schottky diodes like the MCL103C have a lower voltage drop compared to standard PN-junction diodes (which are typically 0.7V). This results in higher efficiency and lower heat generation.
* **Fast Switching:** Because it is a majority carrier device, it has virtually no reverse recovery time ($t_{rr}$), making it ideal for high-frequency applications.
* **Micro-MELF Packaging:** The glass "SOD-80" package is surface-mountable, hermetically sealed, and offers excellent thermal stability.
---
### 3. Common Applications
1. **Rectification:** Used in low-voltage, high-frequency switch-mode power supplies.
2. **Clamping:** Protecting sensitive IC inputs from voltage spikes.
3. **Reverse Polarity Protection:** Preventing damage to small electronic circuits if batteries are inserted incorrectly.
4. **Signal Detection:** Used in RF circuits for demodulation due to its fast response.
---
### 4. Comparison: MCL103A vs. B vs. C
The MCL103 series is categorized by voltage ratings:
| Part Number | Peak Reverse Voltage ($V_{RRM}$) |
| :--- | :--- |
| **MCL103A** | 40 V |
| **MCL103B** | 30 V |
| **MCL103C** | 20 V |
---
- ⤷
What are the equivalent SMD packages for the MCL103C?
- ⤷ How does temperature affect the reverse leakage current of this diode?
- ⤷ Can the MCL103C be used in power rectification above 1 Amp?