Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MCSH18B104FCT

  • AI
    The **MCSH18B104FCT** is a Surface Mount (SMD) Multilayer Ceramic Capacitor (MLCC) manufactured by **Walsin Technology Corporation**. It is designed for high-density electronic circuits, typically used for decoupling, filtering, and bypass applications. ### 1. Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Part Number** | MCSH18B104FCT | Manufacturer Code | | **Capacitance** | 0.1 µF (100 nF) | The energy storage capacity | | **Tolerance** | ±1% (F) | High precision for a ceramic cap | | **Voltage Rating** | 50V | Maximum DC working voltage | | **Dielectric** | X7R | Temperature stable ceramic material | | **Case Size** | 0603 (1608 Metric) | 1.6mm x 0.8mm dimensions | | **Termination** | Cu/Ni/Sn | Copper/Nickel/Tin plating (RoHS) | --- ### 2. Breakdown of the Part Number The alphanumeric string follows Walsin’s standard coding system: * **MC**: Multilayer Chip Capacitor. * **SH**: High Precision/Special series. * **18**: Size code (0603 inch size). * **B**: Dielectric material (X7R). * **104**: Capacitance value ($10 \times 10^4$ pF = 100,000 pF = 0.1 µF). * **F**: Tolerance code (±1%). * **C**: Rated Voltage (50V). * **T**: Packaging (7" Reel, Taped). --- ### 3. Key Characteristics * **X7R Dielectric:** This is a "temperature stable" material. It operates from **-55°C to +125°C**, with a capacitance change limited to ±15% across that range. * **High Precision:** A 1% tolerance (F) is significantly tighter than the standard 10% (K) or 20% (M) found in general-purpose capacitors. This makes it suitable for timing circuits or sensitive filters. * **SMD Format:** The 0603 footprint is a standard industry size, small enough for modern compact PCBs while still being manageable for automated pick-and-place machines. --- ### 4. Common Applications Due to its high precision and stable dielectric, the MCSH18B104FCT is commonly used in: 1. **Filtering:** Removing noise from power supply lines. 2. **Coupling/Decoupling:** Providing a local energy reservoir for ICs to prevent voltage drops. 3. **Frequency Discrimination:** Used in circuits where specific timing or frequency response is required. 4. **Automotive & Industrial:** Environments where temperature fluctuations occur but performance must remain steady.
    ✨ Follow-up Questions
    • ⤷ What are the differences between X7R and NP0/C0G dielectrics for this part size?
    • ⤷ How does the 50V rating affect its usage in 5V or 12V logic circuits?
    • ⤷ Are there recommended soldering profiles for 0603 size MLCCs?