AI

The **MDL-1/2-R** is a specific model of electronic fuse manufactured by Eaton (formerly Bussmann). It is a standard glass tube fuse used widely in power supplies, consumer electronics, and industrial equipment.
---
### 1. Technical Specifications
The part number can be decoded to understand its electrical characteristics:
| Parameter | Value / Description |
| :--- | :--- |
| **Series** | MDL (Standard 1/4" x 1-1/4" glass tube) |
| **Current Rating** | 0.5 Amps (1/2 Amp) |
| **Voltage Rating** | 250 VAC |
| **Response Characteristic** | Time-Delay (Slow-Blow) |
| **Material** | Glass Tube with Nickel-plated Brass Endcaps |
| **RoHS Compliant** | Yes (Indicated by the **-R** suffix) |
---
### 2. Key Features
* **Time-Delay Function:** Unlike "Fast-Acting" fuses, the MDL-1/2-R is designed to withstand temporary surges or "inrush currents." It will not blow immediately if the current slightly exceeds 0.5A for a fraction of a second, which is common when motors or large capacitors start up.
* **Physical Dimensions:** It follows the standard physical size of **6.3mm x 32mm** (1/4" x 1-1/4").
* **Interrupting Rating:** At 250VAC, it typically has an interrupting rating of 35A; at 125VAC, it can handle up to 10,000A.
---
### 3. Comparison: MDL vs. AGC
It is common to confuse MDL fuses with AGC fuses. Here is the primary difference:
| Feature | MDL Series | AGC Series |
| :--- | :--- | :--- |
| **Response Type** | **Time-Delay** (Slow) | **Fast-Acting** (Quick) |
| **Internal Filament** | Usually a coiled wire or thick element | Usually a straight, thin wire |
| **Application** | Inductive loads (Motors, Transformers) | Resistive loads (Light bulbs, simple circuits) |
---
### 4. Circuit Symbol and Implementation
In a schematic, the MDL-1/2-R is represented by a standard fuse symbol. It is typically placed on the "Hot" or "Live" side of the AC input.
```mermaid
graph LR
A[AC Power In] --> B{Fuse MDL-1/2-R}
B --> C[Transformer / Load]
C --> D[Neutral]
```
---
### 5. Common Applications
* **Control Transformers:** Protecting the primary or secondary windings.
* **Audio Equipment:** Protecting internal power rails.
* **Industrial Solenoids:** Managing the high initial current required to move the plunger.
- ⤷
What is the difference between an MDL and an MDA fuse?
- ⤷ Can I replace a fast-acting fuse with an MDL-1/2-R in an emergency?
- ⤷ How do I test if an MDL-1/2-R fuse is blown using a multimeter?