MDL-2/10-R
AI

## Technical Overview: MDL-2/10-R
The **MDL-2/10-R** is a specific model of a **Time-Delay Glass Tube Fuse** manufactured by Eaton (formerly Bussmann). It is widely used in electronic circuits to provide overcurrent protection, particularly in applications with high inrush currents.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Current Rating** | 0.2A (200mA) |
| **Voltage Rating (AC)** | 250V |
| **Fuse Type** | Time-Delay (Slow-Blow) |
| **Material** | Glass Tube with Nickel-plated Brass Endcaps |
| **Dimensions** | 1/4" x 1-1/4" (6.35mm x 31.75mm) |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
### 2. Electronic Characteristics
#### Time-Delay Functionality
Unlike "Fast-Acting" fuses, the MDL-2/10-R is designed to withstand temporary surges or "inrush currents." This is achieved through a specific internal construction—often a coiled wire or a weighted element—that takes longer to melt when exposed to a slight overload but will still blow instantly during a massive short circuit.
#### Interrupting Rating
The interrupting rating defines the maximum current the fuse can safely stop without physically exploding or arcing. For the MDL series at 250VAC, the interrupting rating is typically **35 Amps**.
---
### 3. Structural Components
1. **Glass Body:** Allows for visual inspection to see if the internal filament has melted.
2. **Conductive Caps:** Located at both ends, these provide the electrical connection to the fuse holder or clips.
3. **The "R" Suffix:** This is a critical part of the part number, signifying that the component is **RoHS (Restriction of Hazardous Substances) compliant**, meaning it is lead-free.
---
### 4. Common Applications
Due to its 200mA rating and slow-blow characteristics, this fuse is commonly found in:
* Small power supplies for consumer electronics.
* Control circuits for HVAC systems.
* Industrial instrumentation where inductive loads (like small motors or solenoids) cause initial current spikes.
- ⤷
What is the difference between an MDL and an AGC series fuse?
- ⤷ Can I replace a 200mA slow-blow fuse with a fast-acting one of the same amperage?
- ⤷ What are the recommended fuse holders for a 1/4 inch glass tube fuse?