MDL-20-R
AI

The **MDL-20-R** is a specific type of professional-grade **LED Dimming Driver** (often associated with brands like Magnitude Lighting). It is designed to convert high-voltage AC power into low-voltage DC power suitable for LED strips and fixtures, while allowing for smooth dimming.
---
## Technical Specifications
The following table summarizes the key electrical characteristics typically found in the MDL-20-R series:
| Component / Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 120V AC, 60Hz |
| **Output Voltage** | 12V or 24V DC (Model dependent) |
| **Max Wattage** | 20 Watts |
| **Dimming Type** | Phase-cut (Triac) / MLV Compatible |
| **Enclosure Material** | Anodized Aluminum / Metal |
| **Efficiency** | > 90% |
| **Protection Rating** | IP67 (Usually Waterproof/Outdoor rated) |
---
### Core Electronic Components
The internal circuitry of the MDL-20-R consists of several critical stages:
1. **EMI Filter:**
Reduces electromagnetic interference to prevent the device from affecting other electronics in the house.
2. **Rectifier & PFC Stage:**
Converts the incoming AC sine wave to a pulsating DC signal and ensures Power Factor Correction (PFC) for energy efficiency.
3. **Step-Down Transformer:**
An isolated high-frequency transformer that safely lowers the voltage from 120V to the 12V/24V output level.
4. **Dimming Control IC:**
The "brain" that interprets the chopped AC wave from a wall dimmer and adjusts the Pulse Width Modulation (PWM) or output current to dim the LEDs without flickering.
5. **Thermal & Overload Protection:**
Auto-reset circuit breakers that shut the unit down if it exceeds its 20W capacity or becomes too hot.
---
### Wiring Configuration
The unit typically features two distinct sets of wires:
* **Primary (Input):** Black (Live) and White (Neutral) wires for connection to the 120V AC source.
* **Secondary (Output):** Red (Positive) and Black (Negative) wires for connection to the LED load.
---
### Key Features for Installation
* **Flicker-Free Performance:** The internal capacitors and ICs are tuned to provide smooth dimming down to 1%.
* **Compact Form Factor:** Its slim profile allows it to be hidden inside small junction boxes or behind cabinets.
* **Class 2 Rating:** This ensures the device meets safety standards for limited power output, reducing the risk of fire or electric shock.
- ⤷
What is the difference between the 12V and 24V versions of the MDL-20-R?
- ⤷ Can I use a standard Lutron wall dimmer with this driver?
- ⤷ How do I calculate if 20W is enough for my LED strip installation?