MDL-3/4-R
AI

The **MDL-3/4-R** is a specific model of electronic fuse manufactured by **Eaton (Bussmann Series)**. It belongs to the MDL family of small-dimension, glass-tube fuses.
---
### 1. Key Technical Specifications
The model number "MDL-3/4-R" provides a complete breakdown of its electrical characteristics:
| Parameter | Value / Specification |
| :--- | :--- |
| **Current Rating** | 0.75 Amperes (3/4 Amp) |
| **Voltage Rating** | 250 VAC |
| **Fuse Speed** | Time-Delay / Slow-Blow |
| **Dimensions** | 1/4" x 1-1/4" (6.3mm x 32mm) |
| **Material** | Glass Tube with Nickel-plated Brass Endcaps |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
### 2. Physical Components
The construction of the MDL-3/4-R consists of several critical parts:
* **Glass Body:** A transparent cylinder that allows for visual inspection. If the fuse has "blown," the wire inside will often appear broken or the glass will be charred.
* **The Element (Internal Wire):** Unlike "Fast-Acting" fuses, the MDL series uses a coiled or weighted wire design. This design allows the fuse to withstand temporary surges (like a motor starting up) without breaking.
* **End Caps:** Conductive caps that secure the wire and provide the contact points for the fuse holder or clip.
* **Arc-Quenching Material:** While some high-voltage fuses use sand, the MDL-3/4-R typically relies on the air gap within the glass to quench the arc for its rated interrupting capacity.
---
### 3. Usage and Characteristics
#### Time-Delay Functionality
The most important feature of the MDL-3/4-R is its **Slow-Blow** nature. This means it is designed to ignore short-duration high currents (inrush currents) but will open the circuit if a sustained overload occurs.
#### Common Applications
* **Consumer Electronics:** Power supplies and audio equipment.
* **Industrial:** Solenoids and small motors.
* **Appliances:** Protection for control boards.
---
### 4. Cross-Referencing and Alternatives
If you are looking for replacements, ensure they match the **3/4 Amp** and **Slow-Blow** ratings. Common equivalents include:
* **Littelfuse:** 313.750P
* **Bel Fuse:** MDQ 750
- ⤷
What is the difference between an MDL and a GDL fuse?
- ⤷ What happens if I replace a slow-blow fuse with a fast-acting fuse?
- ⤷ How can I test if an MDL-3/4-R is still functional using a multimeter?