MDL-310-R
AI

The **MDL-310-R** is a high-performance, compact laser diode module (often part of the MDL series by manufacturers like CNI Laser) typically used in scientific research, medical diagnostics, and industrial alignment.
Below is an overview of its electronic components and technical specifications.
---
## 1. Core Electronic Specifications
The "310" refers to the wavelength (310 nm), which falls in the **Ultraviolet (UV-B)** spectrum. The "R" usually denotes a specific cooling or regulation type (often "Resonator" or "Regulated").
| Feature | Specification (Typical) |
| :--- | :--- |
| **Wavelength** | 310 ± 1 nm |
| **Operating Mode** | CW (Continuous Wave) |
| **Output Power** | 1mW to 10mW (configuration dependent) |
| **Power Stability** | <3% or <5% (over 4 hours) |
| **Warm-up Time** | <10 minutes |
| **Input Voltage** | 90–264 VAC (via external driver) |
---
## 2. Main Electronic Components
### A. Laser Diode Head
The head contains the semiconductor material and the primary optical cavity.
* **TEC (Thermoelectric Cooler):** Integrated Peltier elements that stabilize the diode's temperature. UV lasers are highly sensitive to thermal drift; the TEC ensures the wavelength does not shift.
* **Thermistor:** A high-precision NTC (Negative Temperature Coefficient) resistor that provides feedback to the temperature control circuit.
### B. Power Supply / Driver Unit (PSU)
The MDL-310-R typically requires a dedicated constant-current driver.
* **Current Regulation:** Ensures a steady flow of electricity to the diode to prevent "spiking," which can instantly destroy the semiconductor.
* **Modulation Interface:** Most models include a BNC or terminal connector for:
* **TTL Modulation:** On/Off switching (up to 10kHz).
* **Analog Modulation:** Variable power control (0-5V DC).
### C. Protection Circuitry
* **ESD Protection:** Built-in safeguards against Electrostatic Discharge.
* **Over-current Protection:** Prevents the diode from exceeding its maximum rated milliamps.
* **Key Switch & Interlock:** Standard safety features that prevent accidental laser emission, complying with Class 3B/4 laser regulations.
---
## 3. Typical Wiring & Connection
If you are integrating this into a system, the pinouts generally follow this structure:
```markdown
1. AC Input -> Driver Box (Standard Plug)
2. Driver Box -> Laser Head (Multi-pin DB9 or circular connector)
- Pins 1-2: Laser Diode (+) and (-)
- Pins 3-4: TEC Power
- Pins 5-6: Thermistor Feedback
3. Modulation Input -> BNC Port (External Signal)
```
---
## 4. Operational Requirements
To maintain the electronic integrity of the MDL-310-R:
* **Heat Dissipation:** The laser head must be mounted on a heat sink.
* **Operating Temperature:** 10°C to 35°C.
* **Duty Cycle:** Designed for long-term CW operation, but electronic components age faster if environmental cooling is insufficient.
- ⤷
What are the specific pinout diagrams for the MDL-310-R DB9 connector?
- ⤷ How do I interface the TTL modulation with an Arduino or PLC?
- ⤷ What is the maximum allowable ripple voltage for the power supply?