MDL-34-R
AI

The **MDL-34-R** is a specific electronic component typically identified as a **high-precision, ultra-stable wirewound resistor**. These components are frequently used in laboratory equipment, metrology, and industrial control systems where temperature stability and accuracy are critical.
Below is a breakdown of the electronic characteristics and technical specifications of this part.
---
### 1. Core Technical Specifications
The "MDL" series often refers to resistors designed for precision applications. While specific values (Ohms) depend on the individual part marking, the general characteristics of the MDL-34-R series are as follows:
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Resistor Type** | Precision Wirewound |
| **Tolerance** | $\pm$0.01% to $\pm$0.1% (Standard) |
| **Power Rating** | 0.25W to 0.5W |
| **Temperature Coefficient (TCR)** | $\pm$2 ppm/°C to $\pm$5 ppm/°C |
| **Operating Temperature** | -55°C to +125°C |
| **Termination Style** | Axial Leaded |
---
### 2. Physical Construction
The "R" suffix usually denotes **RoHS compliance** (Restriction of Hazardous Substances), meaning the component is lead-free.
* **Core Material:** Usually a high-grade ceramic or epoxy bobbin.
* **Resistive Element:** A specialized alloy wire (such as Evanohm or Manganin) wound around the core.
* **Encapsulation:** Molded epoxy or silicone coating to protect against moisture and mechanical stress.
* **Non-Inductive Winding:** Often uses "Ayrton-Perry" winding techniques to minimize inductance, making them suitable for some AC applications.
---
### 3. Key Electronic Advantages
* **Stability over Time:** Unlike thick film or carbon resistors, wirewound precision resistors like the MDL-34-R have extremely low "drift" (change in resistance over thousands of hours of use).
* **Low Noise:** Wirewound construction inherently produces the lowest thermal noise of any resistor technology.
* **High Pulse Handling:** Because the resistive element is a solid wire rather than a thin film, it can handle brief power surges much more effectively without failing.
---
### 4. Common Applications
Due to its high cost and high precision, the MDL-34-R is found in specialized circuitry:
1. **Bridge Networks:** Used in Wheatstone bridges for sensor calibration.
2. **Voltage Dividers:** Providing stable reference voltages in power supplies.
3. **Medical Electronics:** Used in diagnostic equipment where signal integrity is paramount.
4. **Test & Measurement:** Internal components for Multimeters and Oscilloscopes.
---
- ⤷
What is the specific resistance value (Ohms) for your version of the MDL-34-R?
- ⤷ How does a wirewound resistor compare to a metal film resistor in terms of noise?
- ⤷ What are the soldering requirements for RoHS compliant components like the MDL-34-R?