AI

## ME11ZAG-R: Component Overview
The **ME11ZAG-R** is a specific technical part number, typically associated with **Thermal Cut-Off (TCO) Fuses** or **Thermal Protectors**, often manufactured by companies like **UCHIYA**. These components are critical safety devices used to prevent electrical appliances from overheating.
---
### 1. Technical Specifications
Below is a breakdown of the typical characteristics for the ME series (specifically the ZAG variant):
| Property | Description |
| :--- | :--- |
| **Component Type** | Thermal Cut-Off / Thermal Protector |
| **Function** | Opens the circuit when a specific temperature is reached |
| **Reset Type** | Non-resettable (Single-use) |
| **Rated Current** | Usually 10A to 15A (depending on voltage) |
| **Rated Voltage** | 250V AC |
| **Material Case** | Typically ceramic or high-temp resin |
| **Mounting** | Axial lead (wire-ended) |
---
### 2. Internal Mechanism
The "ME" series generally utilizes a **fusible alloy** or a **thermal pellet** technology:
1. **Normal State:** The thermal element holds the contacts together, allowing current to flow through the device.
2. **Overheat State:** When the ambient temperature reaches the rated limit of the ME11ZAG-R, the thermal element melts.
3. **Circuit Break:** A compressed spring pushes the contacts apart, permanently breaking the electrical path to prevent fire or damage.
---
### 3. Part Number Decoding (Typical)
While manufacturers vary slightly, the code usually breaks down as follows:
* **ME:** Series designation (Standard size thermal link).
* **11:** Often refers to the temperature rating (e.g., specific Celsius threshold).
* **ZAG:** Material or lead wire configuration (e.g., silver-plated, specific length).
* **-R:** Generally indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards.
---
### 4. Common Applications
These parts are found in household and industrial heating appliances:
* **Kitchen Appliances:** Rice cookers, coffee makers, and deep fryers.
* **HVAC:** Electric heaters and fan motors.
* **Personal Care:** Hairdryers and curling irons.
* **Office Gear:** Laser printers and photocopiers.
---
### 5. Installation Safety Note
```cpp
// SAFETY WARNING:
// 1. Never bypass a thermal fuse in a circuit.
// 2. When soldering, use a heat sink on the leads to avoid
// tripping the fuse prematurely.
// 3. Ensure the replacement part matches the exact temperature
// rating of the original ME11ZAG-R.
```
- ⤷What is the exact trip temperature for the ME11ZAG-R?
- ⤷ Can a thermal fuse be replaced with a resettable bimetal switch?
- ⤷ How can I test if an ME11ZAG-R fuse has blown using a multimeter?