AI

The **ME12XAG-R** belongs to the **ME series** of micro-motors, typically manufactured by companies like MinebeaMitsumi (Nidec/Copals are similar). These are high-precision, small-form-factor DC motors often used in lens actuation, medical devices, or portable electronics.
---
### 1. General Specifications
The "ME12" prefix usually denotes a **12mm diameter** motor body. These parts are engineered for applications requiring high torque in a restricted space.
| Feature | Description |
| :--- | :--- |
| **Motor Type** | Permanent Magnet DC (PMDC) or Coreless Motor |
| **Diameter** | 12 mm |
| **Input Voltage** | Typically 3.0V to 6.0V DC (varies by winding) |
| **Commutation** | Precious metal brush (Gold/Silver alloy) |
| **Shaft Style** | Usually customized (D-cut or round) |
### 2. Electronic Characteristics
To integrate the ME12XAG-R into a circuit, you must consider its electromechanical properties:
* **Coil Resistance:** Typically low (10-50 ohms), allowing for high peak currents during startup.
* **No-load Speed:** High RPM (often 8,000 to 15,000 RPM) depending on the specific voltage rating.
* **Stall Torque:** Significant for its size, but prolonged stalling will burn the internal brushes or windings.
* **Back-EMF:** Because it is a brush motor, it generates electrical noise; decoupling capacitors (0.1µF) are often soldered across the terminals.
### 3. Connection and Control
The ME12XAG-R is usually controlled via an **H-Bridge** driver to allow for bidirectional rotation.
#### Typical Wiring Diagram Logic
```cpp
// Logic for controlling an ME12XAG-R via a Motor Driver
void driveMotor(int speed, bool direction) {
if (direction) {
digitalWrite(IN1, HIGH);
analogWrite(PWM_PIN, speed); // Speed control via Pulse Width Modulation
} else {
digitalWrite(IN1, LOW);
analogWrite(PWM_PIN, speed);
}
}
```
### 4. Common Applications
Due to the "AG-R" suffix (which often indicates a specific gearbox or reduction ratio in industrial coding), this motor is found in:
1. **Digital Cameras:** Zoom and focus lens movement.
2. **Medical Pumps:** Precise fluid delivery in portable insulin or infusion pumps.
3. **Robotics:** Small-scale grippers or joints.
---
**Warning:** Ensure you verify the exact datasheet for the "AG-R" suffix, as this often defines the **Gear Ratio**. Using a 1:100 gear ratio motor with 1:1 logic may damage your mechanical assembly.
- ⤷What is the exact gear ratio for the ME12XAG-R variant?
- ⤷ Which motor driver IC is recommended for a 12mm coreless motor?
- ⤷ How do I calculate the power consumption for this motor under load?