Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ME2-O2-D20

  • AI
    ## ME2-O2-D20 Oxygen Sensor Overview The **ME2-O2-D20** is an electrochemical oxygen sensor characterized by its low power consumption, small size, and high sensitivity. It is widely used in industrial safety, environmental monitoring, and portable gas detection devices. --- ### 1. Technical Specifications The following table summarizes the core electronic and physical parameters: | Parameter | Specification | | :--- | :--- | | **Detection Gas** | Oxygen ($O_2$) | | **Measurement Range** | 0 – 20% Vol | | **Output Signal** | $0.1 \pm 0.03$ mA (in air) | | **Response Time ($T_{90}$)** | < 15 Seconds | | **Bias Voltage** | No external bias required | | **Load Resistor (Recommended)** | 100 $\Omega$ | | **Operating Temperature** | -20°C to +50°C | | **Pressure Range** | Standard Atmospheric Pressure $\pm 10\%$ | --- ### 2. Operating Principle The sensor operates on the **Fuel Cell** principle (Electrochemical oxidation/reduction). 1. **Diffusion:** Oxygen molecules pass through a capillary or membrane. 2. **Chemical Reaction:** At the working electrode (cathode), oxygen is reduced: $$O_2 + 2H_2O + 4e^- \rightarrow 4OH^-$$ 3. **Current Generation:** This chemical reaction generates a micro-ampere current proportional to the concentration of oxygen in the environment. 4. **Self-Powered:** Because it functions like a battery during the chemical reaction, it does not require an external power supply to drive the sensor element itself. --- ### 3. Circuit Integration To read data from the ME2-O2-D20, you typically need an **Operational Amplifier (Op-Amp)** circuit to convert the low current (μA) into a measurable voltage (V). #### Typical Signal Conditioning Block: * **Current-to-Voltage Converter:** Use a Transimpedance Amplifier (TIA). * **Amplification:** Since the output current is very low, a high-precision, low-drift Op-Amp (like the AD8605 or LM358 for basic use) is recommended. * **ADC:** The resulting voltage is fed into an Analog-to-Digital Converter of a Microcontroller (MCU). ```python # Conceptual calculation for Output Voltage # V_out = I_sensor * R_load * Gain_factor current_in_air = 0.0001 # 0.1 mA load_resistor = 100 # Ohms v_drop = current_in_air * load_resistor print(f"Voltage drop across load: {v_drop} Volts") ``` --- ### 4. Key Features & Precautions * **Lead-Free:** Modern versions are often compliant with RoHS regulations. * **Interference:** It is relatively stable but can be affected by high concentrations of $CO_2$ or highly acidic gases over long durations. * **Storage:** Should be stored in an environment with stable humidity; avoid vacuum environments which can cause the electrolyte to leak or dry out. ---
    ✨ Follow-up Questions
    • ⤷How do I calibrate the ME2-O2-D20 sensor?
    • ⤷ What is the typical lifespan of an electrochemical oxygen sensor?
    • ⤷ Can this sensor be used for medical-grade oxygen monitoring?