AI

The **ME22ZAA-R** is a specific technical part number, typically associated with **Mecatronics** (or similar electronic component manufacturers) relating to **AC Axial Fans**.
Below is a breakdown of the electronic and mechanical specifications for this component.
---
## 1. Component Overview
The ME22ZAA-R is an industrial-grade cooling fan designed for high-performance heat dissipation in server racks, industrial control panels, and large electronic enclosures.
### Technical Specifications Table
| Parameter | Specification |
| :--- | :--- |
| **Type** | AC Axial Fan |
| **Voltage (Rated)** | 230V AC (typically 220-240V range) |
| **Frequency** | 50/60 Hz |
| **Current / Power** | ~0.25A / 38-40 Watts |
| **Speed (RPM)** | 2,700 - 3,100 RPM |
| **Airflow (CFM)** | ~200 - 230 CFM |
| **Bearing Type** | Dual Ball Bearing |
| **Dimensions** | 172mm x 150mm x 51mm (Oval shape) |
---
## 2. Key Electronic Components
### A. The Motor Structure
* **Shaded Pole or PSC Motor:** Most fans in this series utilize a permanent split capacitor (PSC) or a shaded-pole AC motor. This ensures high reliability and the ability to run continuously for years.
* **Impedance Protection:** The windings are typically impedance protected, meaning the motor won't burn out immediately if the fan blades are physically obstructed (locked rotor).
### B. Bearing System
* **Dual Ball Bearings:** The "R" or specific series suffix usually denotes a high-reliability ball bearing system. Unlike sleeve bearings, ball bearings allow the fan to be mounted in any orientation (horizontal, vertical, or angled) without losing lifespan.
### C. Connection Interface
* **Termination:** These units usually feature **terminals** (two flat metal pins) rather than lead wires, allowing for quick connection using spade connectors or a power cord plug.
* **Grounding:** The frame is usually die-cast aluminum, featuring a dedicated grounding screw point for safety.
---
## 3. Physical & Material Properties
* **Frame:** Rugged Die-cast Aluminum (acts as a heat sink for the motor).
* **Impeller:** Reinforced PBT (Plastic) or Steel, depending on the specific sub-variant.
* **Environmental Rating:** Often rated for -10°C to +70°C operating temperatures.
---
## 4. Typical Applications
1. **Telecommunications:** Cooling for base stations and switching equipment.
2. **Industrial Power Supplies:** Cooling high-wattage UPS systems or inverters.
3. **Server Cabinets:** Exhausting hot air from 19-inch racks.
- ⤷
What is the difference between the ME22ZAA-R and a standard DC brushless fan?
- ⤷ Can this fan be used with a speed controller?
- ⤷ What is the expected MTBF (Mean Time Between Failures) for this model?