ME26XBG-R
AI

The **ME26XBG-R** is an **Ultraviolet (UV) Sensor Module** specifically designed to detect UV light intensity (typically in the UV-A and UV-B spectrum). These sensors are commonly used in environmental monitoring, wearable tech, and industrial exposure safety.
---
### 1. Key Component Specifications
The module typically centers around a Gallium Nitride (GaN) or Silicon Carbide (SiC) based photodiode.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Detection Spectrum** | 240nm – 370nm (UV-A / UV-B) |
| **Operating Voltage** | 3.3V to 5.0V DC |
| **Output Type** | Analog Voltage |
| **Sensitivity** | High sensitivity to solar UV radiation |
| **Response Time** | < 0.5 Seconds |
---
### 2. Internal Electronic Structure
The ME26XBG-R is not just a raw sensor; it is a **module** that includes signal conditioning circuitry:
1. **Photodiode:** The primary sensing element that converts UV photons into a very small micro-ampere current.
2. **Operational Amplifier (Op-Amp):** Because the raw current from the photodiode is too weak for a microcontroller to read, an onboard Op-Amp converts this current into a measurable voltage (Transimpedance Amplifier).
3. **Filter/Lens:** The "BG" in the part number often refers to the **Blue-Green** or specialized glass filter used to block visible light, ensuring the sensor only reacts to UV wavelengths.
4. **Passive Components:** SMD resistors and capacitors used for power decoupling and gain setting.
---
### 3. Pinout and Integration
| Pin | Function | Description |
| :--- | :--- | :--- |
| **VCC** | Power Input | Connect to 3.3V or 5V. |
| **GND** | Ground | Common ground. |
| **OUT** | Analog Signal | Output voltage proportional to UV intensity. |
#### Implementation Example (Arduino)
To use this part, you connect the **OUT** pin to an Analog-to-Digital Converter (ADC) pin.
```cpp
int uvPin = A0; // Connect ME26XBG-R OUT to A0
void setup() {
Serial.begin(9600);
}
void loop() {
int sensorValue = analogRead(uvPin);
float voltage = sensorValue * (5.0 / 1023.0);
Serial.print("UV Voltage: ");
Serial.println(voltage);
delay(500);
}
```
---
### 4. Common Applications
* **UV Index Meters:** Handheld devices to check the sun's intensity.
* **Flame Detection:** Identifying the UV signature of a flame in industrial burners.
* **Weather Stations:** Part of a multi-sensor array for environmental data.
* **Medical/Laboratory:** Monitoring UV sterilization lamps (UVC detection capability depends on the specific filter glass used).
- ⤷What is the relationship between the output voltage and the UV Index (UVI) for this sensor?
- ⤷ Can this sensor detect UVC light used for germicidal disinfection?
- ⤷ What are the power consumption levels for battery-operated applications?