ME26ZAG-R
AI

The **ME26ZAG-R** is an N-Channel enhancement mode field-effect transistor (MOSFET) commonly utilized in power management and switching applications. It is designed for efficiency in high-density DC-DC conversion and battery-powered systems.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the ME26ZAG-R:
| Parameter | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| Drain-Source Voltage | $V_{DS}$ | 30 | V |
| Gate-Source Voltage | $V_{GS}$ | ±20 | V |
| Continuous Drain Current | $I_D$ | 8.0 | A |
| Static Drain-Source On-Resistance | $R_{DS(ON)}$ | ~18 (at 10V) | mΩ |
| Total Gate Charge | $Q_g$ | 12 | nC |
| Package Type | - | SOT-23-3L / SOT-23 | - |
---
### 2. Physical Characteristics & Pinout
The device is typically housed in a small-outline transistor package (**SOT-23**), making it suitable for surface-mount technology (SMT) where PCB space is limited.
* **Pin 1 (Gate):** Controls the state of the MOSFET (On/Off).
* **Pin 2 (Source):** The terminal through which current exits.
* **Pin 3 (Drain):** The terminal through which current enters.
---
### 3. Core Features
* **High Power and Current Handling:** Despite its small footprint, it can handle a continuous current of up to 8 Amps, provided there is adequate heat sinking.
* **Low On-Resistance ($R_{DS(ON)}$):** The low resistance minimizes power dissipation during the "on" state, which improves overall energy efficiency and reduces heat generation.
* **Fast Switching:** Its low gate charge ($Q_g$) allows the transistor to switch between states rapidly, which is essential for high-frequency PWM (Pulse Width Modulation) circuits.
* **Lead-Free/RoHS Compliant:** Meets modern environmental standards for electronic manufacturing.
---
### 4. Common Applications
The ME26ZAG-R is versatile and can be found in several electronic modules:
1. **DC-DC Converters:** Used as a switching element in buck or boost regulators.
2. **Load Switches:** Acting as a "gatekeeper" to turn power on or off for specific subsystems in mobile devices.
3. **Battery Management Systems (BMS):** Employed in protection circuits for Lithium-ion batteries.
4. **Motor Control:** Small DC motor drivers for drones or robotics.
- ⤷
What are the equivalent or alternative parts for the ME26ZAG-R?
- ⤷ How does the gate threshold voltage affect its performance in 3.3V logic circuits?
- ⤷ What are the thermal considerations when running this MOSFET at its maximum 8A current?