ME28XBG-R
AI

The **ME28XBG-R** is an **Electro-Mechanical Micro-Switch** produced by Multicomp (a brand under Farnell/Newark). It belongs to the sub-miniature category of switches, primarily used for sensing physical presence, limit detection, or human interface in compact electronic devices.
---
### ## Technical Specifications
The following table outlines the key electrical and physical characteristics of the ME28XBG-R:
| Feature | Specification |
| :--- | :--- |
| **Actuator Type** | Simulated Roller Lever |
| **Circuitry** | SPDT (Single Pole Double Throw) |
| **Switch Operation** | On-(Mom) - Momentary |
| **Contact Current Rating** | 5A at 125VAC / 3A at 250VAC |
| **Contact Resistance** | 30mΩ Max |
| **Insulation Resistance** | 100MΩ Min at 500VDC |
| **Operating Force** | ~50g to 150g (Varies by model) |
| **Terminal Type** | Solder Terminals |
---
### ## Internal Construction & Operation
The ME28XBG-R operates as a **Snap Action** switch. This means the transition of the contacts happens at a specific point of physical travel, regardless of how fast or slow the lever is pressed.
1. **The Lever:** The "BG" suffix typically denotes a simulated roller lever. This allows for smoother actuation when the trigger mechanism moves at an angle or slides across the switch.
2. **Contacts:** It features three pins:
* **COM (Common):** The input.
* **NC (Normally Closed):** Connected to COM when the lever is at rest.
* **NO (Normally Open):** Connects to COM only when the lever is depressed.
3. **Housing:** Made of high-temperature thermoplastic to withstand soldering and industrial environments.
---
### ## Applications
Because of its small footprint and reliable snap action, the ME28XBG-R is found in:
* **Computer Peripherals:** Mouse buttons or joystick triggers.
* **Industrial Automation:** End-stop sensors for 3D printers or CNC machines.
* **Home Appliances:** Door interlocks for microwaves or water level sensors in coffee makers.
* **Security:** Tamper-detection switches for control panels.
---
### ## Typical Connection Diagram
```cpp
// Logic for a Microcontroller (e.g., Arduino)
// Connect COM to GND and NO to a Digital Pin with Internal Pull-up
void setup() {
pinMode(2, INPUT_PULLUP); // Pin 2 connected to NO terminal
}
void loop() {
int switchState = digitalRead(2);
if (switchState == LOW) {
// Switch is pressed, circuit is closed to GND
activateFunction();
}
}
```
- ⤷
What is the mechanical lifespan (number of cycles) for this switch?
- ⤷ Can this switch be used for DC motor control directly?
- ⤷ What are the physical dimensions and mounting hole spacing for the ME28 series?