Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ME51XBG-R

  • AI
    The **ME51XBG-R** is an electronic component primarily associated with **power management**, specifically within the category of **Voltage Regulators** or **DC-DC Converters**. These parts are commonly used in consumer electronics to ensure stable power delivery to microprocessors and peripherals. --- ### 1. Key Technical Specifications Based on the standard nomenclature for the ME51 series (often manufactured by Microne or similar power-ic specialists), here are the typical specifications: | Feature | Description | | :--- | :--- | | **Component Type** | Step-Up (Boost) DC-DC Converter | | **Input Voltage Range** | Typically 0.8V to 5.0V | | **Output Voltage** | Often fixed (e.g., 3.0V, 3.3V, 5.0V) depending on specific suffix | | **Switching Frequency** | High frequency (approx. 300kHz - 500kHz) for small inductor size | | **Package Type** | SOT-23, SOT-89, or SOT-23-5 (Surface Mount) | | **Efficiency** | Up to 85% - 92% | --- ### 2. Functional Description The ME51XBG-R operates as a PFM (Pulse Frequency Modulation) control IC. Its primary roles include: * **Voltage Boosting:** It takes a low input voltage (like a single AA battery or Li-ion cell) and steps it up to a higher, stable output voltage. * **Low Quiescent Current:** Designed to consume very little power during standby, extending battery life in portable devices. * **External Components:** Requires a minimal set of external parts to function: 1. An **Inductor** (for energy storage). 2. A **Schottky Diode** (for rectification). 3. **Capacitors** (for input/output filtering). --- ### 3. Pinout Configuration (SOT-23-5 Typical) If the device is in a standard 5-pin package, the pinout generally follows this structure: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **EXT / LX** | Switch Pin (connected to inductor) | | 2 | **VOUT** | Output Voltage / Power Supply Pin | | 3 | **NC / EN** | No Connection or Enable Pin | | 4 | **GND** | Ground | | 5 | **FB** | Feedback (for adjustable versions) | --- ### 4. Typical Applications * **Battery-Powered Equipment:** Powering 3.3V MCUs from a single 1.5V battery. * **LED Drivers:** Providing constant voltage for backlight or indicator LEDs. * **Portable Medical Devices:** Ensuring stable logic levels in compact sensors. * **Wireless Modules:** Providing the necessary voltage for Bluetooth or Zigbee chips.
    ✨ Follow-up Questions
    • ⤷ What is the maximum output current supported by the ME51XBG-R?
    • ⤷ Can you provide a basic circuit diagram for a 3.3V boost configuration?
    • ⤷ How does the ME51XBG-R compare to the TLV61046 in terms of efficiency?