ME51ZAG-R
AI

The **ME51ZAG-R** is an electronic component primarily classified as a **Precision Thin Film Chip Resistor**. These components are widely used in circuits requiring high stability, low noise, and high accuracy over time and temperature fluctuations.
---
### 1. Technical Specifications
The part number "ME51ZAG-R" typically corresponds to specific electrical and physical characteristics. Below is a breakdown of the standard specifications for this series:
| Property | Value (Typical) |
| :--- | :--- |
| **Type** | Thin Film Precision Resistor |
| **Case Size** | 0805 (Metric 2012) |
| **Power Rating** | 0.1W (1/10W) to 0.125W |
| **Tolerance** | ±0.05% to ±0.1% (Ultra-precision) |
| **TCR (Temp. Coefficient)** | ±25 ppm/°C or lower |
| **Operating Temp Range** | -55°C to +155°C |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### 2. Composition and Construction
Unlike standard thick film resistors, the ME51ZAG-R utilizes **Thin Film technology**:
* **Substrate:** High-purity alumina ceramic.
* **Resistive Layer:** A thin layer of metal alloy (often NiCr - Nickel Chromium) deposited via vacuum sputtering.
* **Protection:** Multiple layers of epoxy resin or glass for moisture resistance and mechanical protection.
* **Terminations:** Lead-free (Sn) plating over a nickel barrier to prevent "leaching" during soldering.
---
### 3. Key Applications
Because of its high precision and stability, this component is found in the following environments:
1. **Medical Equipment:** Monitoring devices and diagnostic tools requiring exact signal measurement.
2. **Industrial Controls:** Sensor interfaces and analog-to-digital (ADC) conversion circuits.
3. **Telecommunications:** High-frequency base stations and signal processing.
4. **Automotive:** Battery management systems (BMS) and ECU sensor calibration.
---
### 4. Code Breakdown
The suffix and prefix characters in "ME51ZAG-R" provide logistics and compliance information:
* **ME:** Series designation (Metal Film / Thin Film).
* **ZAG:** Specific resistance value and tolerance code (Standard EIA coding).
* **-R:** Often signifies **RoHS Compliance** (Lead-free) or **Tape & Reel** packaging for automated pick-and-place machines.
- ⤷
What is the specific resistance value in Ohms for the ZAG code?
- ⤷ How does Thin Film technology differ from Thick Film in terms of noise performance?
- ⤷ What are the recommended soldering profiles for this 0805 chip resistor?