Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ME54XAG-R

  • AI
    The **ME54XAG-R** typically refers to a high-performance **Step-Servo Motor (Integrated Motor)** produced by manufacturers like Leadshine. This component combines a stepper motor, an encoder, and a digital drive into a single compact unit. --- ## 1. Core Component Breakdown The ME54XAG-R is an "Integrated" system, meaning it contains several electronic and mechanical parts in one housing: | Component | Function | | :--- | :--- | | **Stepper Motor** | A NEMA 23 or similar frame size hybrid motor that provides physical rotation. | | **Internal Encoder** | A high-resolution feedback device (often 1000–4000 lines) that monitors the shaft position. | | **Digital Drive/Controller** | The onboard PCB that processes pulses and controls current to the motor windings. | | **Communication Port** | Usually RS232 or RS485 for configuration via software. | --- ## 2. Key Technical Specifications Based on the standard ME series architecture, here are the electronic characteristics: ### Electrical Performance * **Input Voltage:** Typically ranges from **20V to 50V DC**. * **Peak Current:** Optimized internally to match the motor's thermal limits (usually up to 6.0A). * **Control Signals:** Supports Pulse/Direction (PUL/DIR) or CW/CCW signals. * **Logic Signal Current:** 7mA to 16mA. ### Feedback System (Closed-Loop) Unlike standard stepper motors, the "AG-R" series uses a **closed-loop** electronic system. * **No Loss of Step:** The electronics compare the command pulse to the encoder feedback. If a position deviation occurs, the drive corrects it instantly. * **Reduced Heat:** The drive adjusts current based on the actual load rather than providing full current constantly. --- ## 3. Wiring and Interface Pins The electronic interface usually consists of two main connectors: ### Power & Motor Connector 1. **V+**: Positive DC Power Supply. 2. **GND**: Power Ground. ### Control Signal Connector | Pin Label | Description | | :--- | :--- | | **PUL+ / PUL-** | Pulse input signal (controls speed and displacement). | | **DIR+ / DIR-** | Direction input signal (controls clockwise/counter-clockwise). | | **ENA+ / ENA-** | Enable/Disable signal (allows the motor to be manually turned when off). | | **ALM+ / ALM-** | Alarm output signal (reports errors like over-voltage or position following error). | --- ## 4. Operational Advantages * **Smooth Motion:** Uses 32-bit DSP technology for electronic micro-stepping, reducing resonance. * **Plug-and-Play:** Eliminates the need for motor cables between an external drive and the motor, reducing **Electro-Magnetic Interference (EMI)**. * **Protection Circuits:** Includes built-in protection for over-voltage, over-current, and position errors.
    ✨ Follow-up Questions
    • ⤷ What is the maximum torque rating for the ME54XAG-R?
    • ⤷ How do I configure the micro-step resolution using the RS232 port?
    • ⤷ What is the difference between the ME series and the iES series motors?