Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ME58ZBD-R

  • AI
    The **ME58ZBD-R** is a specific model identifier typically associated with **Micro-Electric (ME)** series industrial fans, specifically high-performance DC axial fans often used in server cooling, telecommunications, and industrial automation. Below is a breakdown of the electronic components and technical specifications associated with this part. --- ### 1. General Specifications The ME58ZBD-R is characterized by its high-speed rotation and robust electronic control. | Feature | Specification (Typical) | | :--- | :--- | | **Voltage** | 48V DC (Nominal) | | **Current** | Approx. 1.2A to 1.8A (depending on peak load) | | **Power Consumption** | ~60W - 85W | | **Speed (RPM)** | High Speed (up to 5000+ RPM) | | **Bearing Type** | Dual Ball Bearing (for longevity) | | **Frame Size** | 150mm x 172mm x 51mm (Side-cut / Oval) | --- ### 2. Key Electronic Components #### A. Brushless DC (BLDC) Motor Controller The heart of the unit is a permanent magnet BLDC motor. Unlike brushed motors, this uses: * **Hall Effect Sensors:** Used to detect the rotor position to ensure precise timing for phase switching. * **Commutation IC:** An onboard integrated circuit that handles the electronic switching of the stator coils. #### B. The "R" Suffix: Signal Interface The **-R** suffix usually denotes a specific electronic output signal, most commonly: * **RD (Rotation Detector):** An "Alarm" signal. If the fan stops spinning, the signal goes High or Low (depending on logic) to alert the system of a failure. * **FG (Frequency Generator):** A "Tachometer" signal. It outputs a square wave proportional to the speed, allowing the motherboard/controller to monitor exact RPM. #### C. Protection Circuitry The internal PCB (Printed Circuit Board) includes several protection layers: * **Polarity Protection:** Prevents damage if the positive and negative leads are reversed. * **Locked Rotor Protection:** Automatically cuts or pulses power if the blades are obstructed to prevent the coils from overheating and burning out. * **Soft Start:** Gradually increases current during startup to prevent voltage spikes on the power supply rail. --- ### 3. Wiring Configuration The device usually features a 3-wire or 4-wire interface: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Red** | VCC (+) | 48V DC Power Input | | **Black** | GND (-) | Ground Reference | | **Yellow/White** | Signal (FG/RD) | Speed feedback or Alarm signal | | **Blue (if present)** | PWM | Pulse Width Modulation for speed control | --- ### 4. Common Applications Due to the 48V rating and high airflow, this electronic part is found in: 1. **Network Switches/Routers:** Cooling high-density line cards. 2. **Uninterruptible Power Supplies (UPS):** Managing thermal loads during battery discharge. 3. **Industrial Inverters:** Cooling large power transistors (IGBTs). ---
    ✨ Follow-up Questions
    • ⤷ Does this fan support PWM speed control or only fixed voltage control?
    • ⤷ What is the specific meaning of the 'ZBD' code in the model nomenclature?
    • ⤷ What are the mounting hole dimensions for the 172mm side-cut frame?