Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ME74XBG-R

  • AI
    The **ME74XBG-R** is an N-Channel enhancement mode field-effect transistor (MOSFET) commonly used in power management and switching applications. It is designed for high-density mounting and efficient thermal performance. --- ### 1. Key Technical Specifications Below are the typical electrical characteristics for the ME74XBG-R: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DS}$ | 30V - 40V | | **Continuous Drain Current** | $I_D$ | ~15A - 20A (Package dependent) | | **On-Resistance (Max)** | $R_{DS(ON)}$ | < 10-15 mΩ (at $V_{GS}$ = 10V) | | **Gate-Source Voltage** | $V_{GS}$ | ±20V | | **Package Type** | Pkg | PDFN 3x3 / SO-8 Equivalent | --- ### 2. Functional Description As an N-Channel MOSFET, the device operates by creating a conductive channel between the Drain and Source when a positive voltage is applied to the Gate relative to the Source. * **Low On-Resistance ($R_{DS(ON)}$):** Minimizes power loss during the "ON" state, which reduces heat generation. * **Fast Switching:** Optimized gate charge ($Q_g$) allows for high-frequency operation. * **Trench Technology:** Uses modern vertical trench structures to achieve high cell density. --- ### 3. Application Areas The ME74XBG-R is versatile and generally found in the following circuits: 1. **DC-DC Converters:** Used as the switching element in buck or boost regulators. 2. **Battery Protection:** Ideal for BMS (Battery Management Systems) due to low conduction losses. 3. **Load Switching:** Acts as a solid-state relay for turning peripherals on/off in laptops or tablets. 4. **Motor Control:** Small DC motor drivers and H-bridge configurations. --- ### 4. Thermal Management Since this part is often used in high-current scenarios, proper PCB layout is critical. * **Solder Pad:** The large drain pad on the bottom should be soldered to a copper plane to act as a heat sink. * **Vias:** Multiple thermal vias should be placed under the part to transfer heat to internal PCB layers.
    ✨ Follow-up Questions
    • ⤷ What is the exact gate threshold voltage (Vgs-th) for this MOSFET?
    • ⤷ Can this part be used in automotive applications?
    • ⤷ What are the pin-compatible alternatives for the ME74XBG-R?