ME74XBX-R
AI

The **ME74XBX-R** is a specific type of **Miniature Power Relay** manufactured by Magnecraft (now a brand under Schneider Electric). These relays are widely used in industrial automation, control panels, and HVAC systems due to their compact size and high switching capacity.
---
## 1. Core Component Breakdown
The ME74XBX-R consists of several internal electronic and mechanical parts that allow it to function as an electrically operated switch.
### Key Internal Parts
| Component | Description | Function |
| :--- | :--- | :--- |
| **Coil** | A winding of copper wire around an iron core. | Creates an electromagnetic field when energized. |
| **Armature** | A moving metal lever. | Attracted by the magnetic field to open/close contacts. |
| **Contacts** | Silver alloy conductive points (DPDT). | The actual "switch" that carries the load current. |
| **Spring** | Tension mechanism. | Returns the armature to its original position when power is cut. |
| **Base/Pins** | Plug-in terminals. | Provides the interface to a socket or PCB. |
---
## 2. Technical Specifications
Understanding the "ME74XBX-R" part number reveals its electrical capabilities:
* **Contact Configuration:** **DPDT** (Double Pole Double Throw). It can control two separate circuits simultaneously.
* **Mounting Style:** Plug-in (compatible with 70-782D8-1 or similar sockets).
* **Contact Rating:** Typically rated for **10 Amps** to **15 Amps** at 120/240VAC.
* **Indicator:** The "-R" suffix often indicates a **Full Feature** version, which typically includes a mechanical flag indicator and/or an LED to show when the coil is active.
---
## 3. Circuit Symbol and Operation
The relay operates on the principle of isolation: the control circuit (low power) is electrically separated from the load circuit (high power).
### Operation Logic
1. **Input:** Voltage is applied to the coil (Terminals 13 & 14 usually).
2. **Induction:** The coil creates a magnetic field.
3. **Mechanical Action:** The armature is pulled toward the coil.
4. **Switching:** The "Normally Closed" (NC) contacts open, and the "Normally Open" (NO) contacts close.
---
## 4. Common Applications
* **Motor Control:** Starting small fractional horsepower motors.
* **Logic Isolation:** Interfacing a PLC (Programmable Logic Controller) with high-voltage machinery.
* **Lighting Systems:** Controlling large banks of industrial lights.
* **Heating Elements:** Switching resistive loads in ovens or climate control units.
- ⤷
What is the specific coil voltage for the ME74XBX-R model you are using?
- ⤷ How do I test if the contacts on this relay have failed?
- ⤷ What are the compatible socket types for 700 series miniature relays?