ME78XBG-R
AI

The **ME78XBG-R** is an integrated circuit, typically categorized as a **Voltage Regulator** or a specific **DC-DC Converter** component often found in consumer electronics and automotive modules.
Below is a detailed breakdown of its electronic characteristics and specifications.
### 1. General Overview
The ME78XBG-R belongs to the family of High-Efficiency Step-Down (Buck) converters or Linear Regulators (depending on the specific manufacturer prefix, though "78" often denotes the classic 78xx series pinout or function).
---
### 2. Technical Specifications
| Parameter | Description | Typical Value/Range |
| :--- | :--- | :--- |
| **Input Voltage** | The maximum voltage the part can handle. | 5V to 40V (Model dependent) |
| **Output Voltage** | The stabilized voltage provided to the load. | Fixed (e.g., 5V, 3.3V) or Adjustable |
| **Output Current** | Maximum load current capacity. | 500mA - 1.5A |
| **Package Type** | Physical mounting style. | SOT-89, SOT-223, or TO-252 |
| **Operating Temp** | Thermal limits for safe operation. | -40°C to +125°C |
---
### 3. Key Features
* **Low Quiescent Current:** Designed to consume very little power when the device is in standby mode.
* **Thermal Overload Protection:** Automatically shuts down if the internal temperature exceeds safety limits to prevent permanent damage.
* **Short Circuit Protection:** Limits current flow if the output is accidentally grounded.
* **High Ripple Rejection:** Filters out noise from the input power source to provide a "clean" DC output.
---
### 4. Pin Configuration (Typical SOT-89/223)
If you are troubleshooting a board with this component, the pinout usually follows this logic:
```markdown
1. VIN (Input Voltage)
2. GND (Ground/Common)
3. VOUT (Regulated Output Voltage)
```
### 5. Common Applications
* **Battery Powered Equipment:** Providing stable 3.3V or 5V rails for microcontrollers.
* **Automotive Electronics:** Handling the fluctuations of a car battery to power sensors.
* **Communication Hardware:** Powering Wi-Fi modules or RF transmitters.
---
- ⤷
What is the exact output voltage of the ME78XBG-R variant you are looking at?
- ⤷ Can you provide the manufacturer name printed on the chip package?
- ⤷ Are you looking for a pin-compatible replacement for this part?