Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MEH11XBX-R

  • AI
    The **MEH11XBX-R** is a specific part number typically associated with high-performance **Magnetic Encoders** or **Hollow Shaft Encoders**, often manufactured by companies like **Quantum Devices**. These components are critical for motion control, providing feedback on position, speed, and direction in robotic and industrial automation systems. --- ### 1. Technical Specifications Overview The following table outlines the typical electrical and mechanical characteristics associated with this series: | Feature | Specification | | :--- | :--- | | **Sensor Type** | Magnetic Rotary Encoder | | **Output Type** | Incremental (A, B, Z Index) | | **Voltage Supply** | 5V DC (Typical) | | **Resolution (CPR)** | Often ranges from 1000 to 5000+ | | **Shaft Style** | Hollow Shaft (Blind) | | **Output Drivers** | Line Driver (Differential) | | **Connector Type** | Radial or Axial Cable/Connector | --- ### 2. Key Electronic Components & Subsystems The MEH11XBX-R functions through a combination of sensitive electronic parts housed within the casing: #### A. The Magnetic Sensor Array Unlike optical encoders that use LEDs and glass disks, this part uses a **Hall-effect sensor array**. It detects changes in the magnetic field as a multi-pole magnetized wheel rotates above the sensor. This makes it highly resistant to dust, oil, and vibration. #### B. Signal Processing ASIC Inside the encoder is an **Application-Specific Integrated Circuit (ASIC)**. This chip performs several tasks: * **Interpolation:** Increases the resolution of the raw magnetic signals. * **Conditioning:** Filters out electronic noise to ensure signal integrity. * **Quadrature Generation:** Creates the $A$ and $B$ pulse streams shifted by 90 degrees to determine direction. #### C. Differential Line Drivers To prevent signal loss over long cable lengths in industrial environments, the unit utilizes **Differential Line Drivers (RS-422 compatible)**. * It outputs both the signal and its complement (e.g., $A$ and $A-$). * This allows the receiving controller to cancel out "common-mode noise." --- ### 3. Pinout and Connection Logic While exact wiring depends on the specific cable assembly, the standard logic for the "R" (Line Driver) variant is as follows: ```json { "Pin_1": "VCC (+5VDC)", "Pin_2": "Ground (0V)", "Pin_3": "Channel A", "Pin_4": "Channel A-NOT", "Pin_5": "Channel B", "Pin_6": "Channel B-NOT", "Pin_7": "Index Z", "Pin_8": "Index Z-NOT" } ``` --- ### 4. Common Applications * **Brushless DC (BLDC) Motors:** Used for commutation and velocity feedback. * **Medical Equipment:** High-reliability feedback for pumps or scanning beds. * **Factory Automation:** Positioning for conveyor belts and pick-and-place arms.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the magnetic sensing in this model versus a standard optical encoder?
    • ⤷ How do I wire the differential output to a PLC that only accepts single-ended inputs?
    • ⤷ What is the maximum RPM supported by the MEH11XBX-R?