MEH14ZBD-R
AI

The **MEH14ZBD-R** is a specific model of a **Thermoelectric Cooling (Peltier) Module**. These devices are solid-state heat pumps that use the Peltier effect to create a temperature differential between two sides of the module when an electric current is applied.
---
### 1. Key Technical Specifications
Based on the standard parameters for this series, here are the electronic characteristics:
| Parameter | Typical Value | Description |
| :--- | :--- | :--- |
| **$V_{max}$** | ~15.4 V | Maximum DC voltage allowed. |
| **$I_{max}$** | ~6.0 A | Maximum current at $\Delta T_{max}$. |
| **$Q_{cmax}$** | ~50 - 60 W | Maximum cooling capacity (heat moved). |
| **$\Delta T_{max}$** | $\ge 67^\circ$C | Maximum temperature difference between sides. |
| **Resistance** | ~2.0 - 2.5 $\Omega$ | Internal electrical resistance. |
---
### 2. Physical Construction
The module is composed of several electronic and structural layers:
* **Ceramic Substrates:** Usually made of Alumina ($Al_2O_3$). These act as electrical insulators but provide high thermal conductivity to move heat.
* **P-N Junctions:** The "engine" of the part. It consists of Bismuth Telluride ($Bi_2Te_3$) pellets.
* **Copper Traces:** Internal circuitry that connects the P and N pellets in series.
* **Lead Wires:** Typically UL-rated stranded wire with 150mm - 200mm length for power connection.
---
### 3. Operational Logic
The **MEH14ZBD-R** functions according to these electronic principles:
1. **Directionality:** If you reverse the polarity of the DC input (swap Positive and Negative), the direction of heat flow reverses. The "Cold" side becomes the "Hot" side.
2. **Heat Dissipation:** For the electronic cooling to work, the "Hot" side must be attached to a high-efficiency heatsink. If the hot side is not cooled, the device will overheat and fail (thermal runaway).
3. **PWM Control:** To regulate temperature precisely, these modules are often controlled using Pulse Width Modulation (PWM) or a variable DC power supply.
---
### 4. Application Use Cases
* **Medical Equipment:** Precise cooling of lab samples or laser diodes.
* **Consumer Electronics:** Small wine coolers, portable car refrigerators.
* **Industrial:** Cooling of sensitive sensors or telecommunications hardware.
- ⤷
What are the specific dimensions of the MEH14ZBD-R module?
- ⤷ How do I calculate the power supply requirements for this Peltier unit?
- ⤷ What is the recommended thermal paste for mounting this module to a heatsink?