MEH14ZBX-R
AI

The **MEH14ZBX-R** is a high-performance, high-stability **TCXO (Temperature Compensated Crystal Oscillator)** manufactured by **Jauch Quartz**. It is specifically designed for applications requiring precise frequency control under varying environmental conditions.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Frequency Range** | Usually 10.0 MHz to 40.0 MHz (Specific to order) |
| **Package Type** | SMT (Surface Mount Technology) - 4 Pads |
| **Dimensions** | 5.0 x 3.2 x 1.5 mm |
| **Supply Voltage ($V_{DD}$)** | +3.3 V (Standard) |
| **Output Type** | Clipped Sine Wave |
| **Frequency Stability** | ±0.5 ppm to ±2.5 ppm (depending on temp range) |
| **Operating Temperature** | -40°C to +85°C (Extended range available) |
---
### 2. Functional Components
To understand how the MEH14ZBX-R works, it is essential to look at its internal electronic architecture:
1. **Quartz Crystal Resonator:** The heart of the part, providing the base frequency.
2. **Compensation Network:** An internal analog or digital circuit that measures the ambient temperature and adjusts the load capacitance to counteract the crystal's natural frequency drift.
3. **Clipped Sine Wave Output:** Unlike a square wave (CMOS), a clipped sine wave consumes less power and generates significantly lower electromagnetic interference (EMI/RFI).
4. **Voltage Regulator:** Internal circuitry that ensures frequency stability even if the input supply voltage fluctuates slightly.
---
### 3. Pin Configuration (4-Pad Layout)
| Pin # | Symbol | Function |
| :--- | :--- | :--- |
| **1** | Vcon / NC | Voltage Control (if VC-TCXO) or No Connection |
| **2** | GND | Ground / Negative Supply |
| **3** | Output | Frequency Signal Output |
| **4** | $V_{DD}$ | Positive Supply Voltage (+3.3V) |
---
### 4. Common Applications
Due to its high stability (measured in parts per million - **ppm**), this part is commonly found in:
* **GPS/GNSS Modules:** Accurate timing for satellite positioning.
* **Wireless Communication:** LTE, Wi-Fi, and Bluetooth base stations.
* **IoT Devices:** Low-power sensors requiring stable clocking for long-range transmission.
* **Network Infrastructure:** Synchronization for routers and switches.
---
### 5. Part Number Breakdown (Generic Jauch Syntax)
* **MEH:** Series identifier for TCXO.
* **14:** Package size code (5.0 x 3.2 mm).
* **Z:** Stability indicator.
* **BX:** Temperature range and voltage code.
* **R:** Tape & Reel packaging.
- ⤷
What is the difference between a TCXO like this and a standard XO?
- ⤷ How does a clipped sine wave output benefit high-frequency RF circuits?
- ⤷ What are the specific soldering profile requirements for the MEH14 series?