MEH21ZBX-R
AI

The **MEH21ZBX-R** is a specific model of an **Incremental Rotary Encoder**, typically manufactured by companies like **Nemicon**. These devices are used in industrial automation to convert the angular position or motion of a shaft into analog or digital signals.
---
### Technical Specifications
The model number "MEH21ZBX-R" can be broken down into specific electronic characteristics. While slight variations exist based on the manufacturer's series, here are the standard specifications:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Incremental | Measures relative movement from a start point. |
| **Output Phase** | A, B, Z | Standard dual phase (A, B) plus an Index (Z) pulse. |
| **Resolution** | (Variable) | Typically defines pulses per revolution (PPR). |
| **Output Type** | Push-Pull / Line Driver | High noise immunity for long-distance transmission. |
| **Voltage Range** | 5V to 24V DC | Common industrial power supply compatibility. |
| **Construction** | Hollow Shaft | Designed to be mounted directly onto a motor shaft. |
---
### Key Electronic Components
Inside the MEH21ZBX-R, several critical electronic systems work together:
1. **Optical Sensor Assembly**:
* **LED Emitter**: An infrared LED that projects light through a graduated disc.
* **Photodiode Array**: Receives the light pulses and converts them into low-level electrical currents.
2. **Signal Processing Circuit**:
* An internal ASIC (Application Specific Integrated Circuit) or comparator that cleans the "noisy" analog signal from the photodiodes into sharp **Square Waves**.
3. **Output Driver**:
* Usually involves a transistor-based circuit (like an NPN or Line Driver) that provides the power necessary to send the signal to a PLC (Programmable Logic Controller) or CNC controller.
4. **Protection Circuitry**:
* Includes diodes for reverse polarity protection and capacitors for EMI (Electromagnetic Interference) filtering.
---
### Wiring Configuration
Most encoders in this series follow a standard color-coding for their electronic leads:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Brown/Red** | Vcc | Power Supply (+) |
| **Black/Blue** | GND | Common Ground (0V) |
| **White** | Phase A | Main pulse signal |
| **Green** | Phase B | 90° shifted signal (detects direction) |
| **Yellow** | Phase Z | Index pulse (once per revolution) |
| **Shield** | Earth | Protects against electrical noise |
---
### Common Applications
* **CNC Machinery**: For precise spindle or axis positioning.
* **Robotics**: To provide feedback on motor rotation and speed.
* **Conveyor Systems**: Monitoring the speed of a production line.
- ⤷
What is the difference between an incremental and absolute encoder?
- ⤷ How do I troubleshoot a 'No Signal' error from this encoder?
- ⤷ Can this encoder be used with an Arduino or Raspberry Pi?