Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MEH23ZAG-R

  • AI
    Based on the technical nomenclature, the **MEH23ZAG-R** typically refers to a high-precision **Magnetic Absolute Rotary Encoder** or a specific **Hybrid Stepper Motor** assembly equipped with such an encoder (often associated with brands like Minebea or Nidec). Below is a breakdown of the electronic components and specifications associated with this part. --- ## 1. Core Electronic Specifications The "MEH" series generally points to magnetic encoding technology. Here are the typical electronic parameters: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 5V DC ± 10% | Standard logic supply voltage. | | **Output Type** | Line Driver / RS-422 | Differential signaling for noise immunity. | | **Resolution** | 1024 - 4096 CPR | Counts Per Revolution (high precision). | | **Current Consumption** | 50mA - 80mA | Low power draw for control logic. | | **Output Phases** | A, B, Z (Index) | Standard quadrature outputs with index pulse. | --- ## 2. Key Internal Components The unit operates using a combination of magnetic sensing and signal processing electronics: ### A. Magnetic Sensing Element * **Hall Effect ICs:** Uses a specialized array of Hall sensors to detect the orientation of a permanent magnet attached to the motor shaft. * **Magnet:** A high-coercivity permanent magnet that rotates with the shaft. ### B. Signal Processing (ASIC) * **Interpolator:** An internal chip that converts the analog sine/cosine waves from the magnetic sensor into high-resolution digital pulses. * **Line Driver:** Typically an integrated circuit like the **AM26C31**, which converts the internal pulses into differential signals to travel long distances without interference. ### C. Mechanical-Electronic Interface * **Connector/Header:** Usually a JST or Molex style multi-pin header (e.g., 6-pin or 8-pin) for VCC, GND, and signal phases. * **Protection Circuitry:** Built-in TVS diodes to protect the encoder from electrostatic discharge (ESD) and voltage spikes. --- ## 3. Signal Output Logic The "R" suffix often denotes a specific wiring or signal configuration, usually involving **Line Driver outputs**: 1. **A / A-inv:** Primary pulse train for speed and position. 2. **B / B-inv:** 90-degree shifted pulse to determine direction. 3. **Z / Z-inv:** Once-per-revolution pulse for home position homing. --- ## 4. Typical Applications Because of its magnetic nature (non-optical), these parts are found in: * **Medical Equipment:** High reliability and resistance to dust. * **Robotic Joints:** Compact size for feedback loops. * **Office Automation:** Precision paper feeding and scanning mechanisms.
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout configuration for the MEH23 series connector?
    • ⤷ How does a magnetic encoder compare to an optical encoder in terms of durability?
    • ⤷ Can this part be used with a standard Arduino or PLC controller?