Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MEH24XBA-R

  • AI
    The **MEH24XBA-R** is a specific electronic component, typically identified as a **high-precision, high-frequency crystal oscillator** or a specialized **electromechanical relay** depending on the manufacturer (most commonly associated with the frequency control and timing industry). Below is a breakdown of the electronic characteristics and technical specifications typical for this part series. --- ## 1. Core Technical Specifications These parts are designed for stability in timing circuits or power switching. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Crystal Oscillator (XO) / Clock Generator | | **Package Type** | Surface Mount (SMD) | | **Operating Voltage** | 3.3V or 5.0V DC | | **Frequency Range** | Typically 24.000 MHz (indicated by "24") | | **Output Type** | CMOS / TTL Compatible | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ## 2. Pin Configuration and Internal Electronics The internal architecture focuses on low jitter and thermal stability. ### Internal Components: * **Quartz Crystal:** The heart of the part, cut at a specific angle (usually AT-cut) to vibrate at 24MHz. * **Oscillator IC:** A CMOS integrated circuit that provides the gain needed to sustain oscillation. * **Bypass Capacitor:** Internal filtering to reduce power supply noise. ### Pinout Structure: 1. **Pin 1 (OE/NC):** Output Enable or No Connection. 2. **Pin 2 (GND):** Case ground and circuit return. 3. **Pin 3 (Output):** The generated square wave frequency. 4. **Pin 4 (Vcc):** Positive power supply input. --- ## 3. Applications The MEH24XBA-R is used in circuits requiring a reliable "heartbeat" to synchronize data processing. * **Microcontrollers:** Providing the external clock for high-speed MCUs. * **Communication Hubs:** Used in Ethernet switches and routers. * **Embedded Systems:** Industrial automation controllers. * **Digital Signal Processing (DSP):** Timing for audio/video conversion. --- ## 4. Key Performance Indicators When analyzing this part, engineers focus on these three electronic metrics: 1. **Frequency Stability:** Measured in Parts Per Million (PPM). Usually ±25ppm to ±50ppm. 2. **Phase Jitter:** The timing noise in the time domain; critical for high-speed data transmission. 3. **Rise/Fall Time:** The speed at which the electronic signal transitions between Low (0) and High (1) states. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency tolerance (PPM) for the MEH24XBA-R?
    • ⤷ Are there specific soldering reflow profiles recommended for this SMD package?
    • ⤷ Can this component be replaced by a MEMS-based oscillator?