MEH28XBX-R
AI

The **MEH28XBX-R** is a specific model of a **Miniature High-Voltage Power Supply** (often referred to as a DC-to-DC converter module). These components are primarily used to provide precision high voltage for sensitive scientific and industrial equipment.
---
### 1. Key Technical Specifications
The "MEH" series is typically manufactured by specialists like *UltraVolt* (an Advanced Energy company). Below are the general specifications for this part number:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage** | Typically 24VDC to 28VDC |
| **Output Voltage** | 0 to 2800V (2.8kV) |
| **Output Power** | Varies (often 4W to 20W depending on specific sub-series) |
| **Polarity** | Determined by the "P" or "N" (XBX-R models are often fixed) |
| **Mounting Type** | PCB Mount / Through-hole |
| **Regulation** | Low ripple and high stability |
---
### 2. Internal Electronic Architecture
To achieve thousands of volts from a small 28V input, the module contains several critical electronic stages:
#### A. Input Filtering and Protection
* **Decoupling Capacitors:** Stabilize the input DC rail.
* **Reverse Polarity Protection:** Prevents damage if the input leads are swapped.
#### B. The Oscillator (Inverter)
* The DC input is converted into a high-frequency AC signal (usually 50kHz to 100kHz).
* Uses **MOSFETs** in a push-pull or resonant topology to drive a specialized high-voltage step-up transformer.
#### C. High-Voltage Transformer
* A ferrite-core transformer with a very high secondary-to-primary turn ratio.
* Encapsulated in epoxy to prevent internal arcing (corona discharge).
#### D. Voltage Multiplier (Cockcroft-Walton Circuit)
* A network of **High-Voltage Diodes** and **Ceramic Capacitors**.
* This stage rectifies the AC from the transformer and "stacks" the voltage to reach the 2.8kV target.
#### E. Feedback and Control Loop
* **Resistive Divider:** A high-precision, high-impedance resistor string samples the output voltage.
* **Error Amplifier:** Compares the sample to a reference voltage and adjusts the oscillator pulse width (PWM) to maintain a steady output regardless of load changes.
---
### 3. Common Applications
Due to its precision and compact size, the MEH28XBX-R is found in:
1. **Photomultiplier Tubes (PMT):** Providing the bias voltage for light detection.
2. **Mass Spectrometry:** Powering ion sources or detectors.
3. **Electrostatic Chucks:** Used in semiconductor wafer handling.
4. **Medical Imaging:** Specialized X-ray or ultrasound biasing.
---
### 4. Safety and Handling
> [!CAUTION]
> **High Voltage Hazard:** This device produces 2,800V. Even when powered off, internal capacitors may hold a lethal charge. Always use a discharge probe before touching the output terminals.
- ⤷
What is the pinout configuration for the MEH28XBX-R?
- ⤷ How do I adjust or control the output voltage remotely?
- ⤷ What are the ripple and noise characteristics of this power supply?