Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MEH51XBD-R

  • AI
    The **MEH51XBD-R** is a high-performance, compact incremental rotary encoder manufactured by **Nemicon**. It is widely used in industrial automation for sensing rotational speed, position, and direction. --- ## 1. Technical Specifications Below are the primary electronic and physical characteristics of the MEH51XBD-R: | Feature | Specification | | :--- | :--- | | **Type** | Incremental Rotary Encoder | | **Outer Diameter** | 51mm (Compact size) | | **Supply Voltage** | 5V DC ± 5% | | **Output Type** | Line Driver (Standard for long-distance transmission) | | **Resolution** | Typically available from 100 to 5000 P/R (Pulses Per Revolution) | | **Phases** | A, B, and Z (Index) + Inverse signals (A-, B-, Z-) | | **Max Response Frequency** | 100 kHz - 200 kHz | | **Starting Torque** | 0.98 mN·m Max | --- ## 2. Key Electronic Components & Working Principle ### A. Optical Sensing Assembly At its core, the device uses an **Optical Disc** (glass or plastic with slits) and an **LED Light Source**. * **Photo-detector:** As the disc rotates, it interrupts the light beam. The photo-detector converts these light pulses into electronic signals. ### B. Line Driver Output (The "BD" in the Model) The "BD" designation typically refers to the **Line Driver** output circuit (often using the RS-422 standard). * **Differential Signaling:** It generates complementary signals (e.g., A and A-not). This is crucial for **noise immunity**, as it cancels out electromagnetic interference (EMI) over long cable runs. ### C. The Z-Phase (Index Channel) In addition to the A and B phases (which determine speed and direction via quadrature), it includes a **Z-phase**. This provides one pulse per full revolution, acting as a "home" or reference point for the electronic controller. --- ## 3. Signal Configuration The MEH51XBD-R uses a 10-pin or multi-wire connection to handle the differential outputs: | Signal Name | Description | | :--- | :--- | | **Vcc / GND** | Power input (5V) and Ground | | **A / /A** | Main incremental pulse and its inverse | | **B / /B** | Phase-shifted pulse (90°) to determine direction | | **Z / /Z** | Reference pulse (once per turn) | | **Shield** | Prevents external electronic noise | --- ## 4. Typical Applications * **CNC Machinery:** For precise tool positioning. * **Servo Motors:** To provide closed-loop feedback to the motor driver. * **Robotics:** For joint angle monitoring. * **Conveyor Systems:** To synchronize the speed of multiple belts.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an incremental and an absolute encoder?
    • ⤷ How do I wire a line driver encoder to a PLC?
    • ⤷ What are the common causes of signal noise in the MEH51 series?