Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MEH52XAG-R

  • AI
    The **MEH52XAG-R** is a specific electronic component, typically categorized as a **hybrid electromagnetic relay** or a specialized power switching module. These parts are often utilized in industrial automation, HVAC systems, or power management circuits. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications The MEH series generally refers to high-capacity relays designed for reliable switching under heavy inductive or resistive loads. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Electromagnetic Power Relay | | **Contact Arrangement** | Typically 1 Form A (SPST-NO) or 1 Form C (SPDT) | | **Coil Voltage** | Varies by sub-model (usually DC 12V or 24V) | | **Switching Capacity** | High current (often 20A - 50A depending on specific rating) | | **Mounting Type** | PCB Mount or Plug-in (Faston terminals) | --- ### 2. Key Electronic Parts & Construction The internal architecture of the MEH52XAG-R consists of several critical electronic and mechanical subsystems: #### A. The Coil Assembly * **Function:** Converts electrical energy into a magnetic field. * **Composition:** Fine copper wire wound around a core. * **Safety:** Usually includes a protective coating to handle temperature rises during continuous duty cycles. #### B. Contact Material (The "AG" Designation) * **Material:** The "AG" in the part number often signifies **Silver Alloy (Ag)** contacts (e.g., Silver Tin Oxide or Silver Nickel). * **Benefit:** These materials are chosen for their excellent conductivity and resistance to "welding" or "pitting" caused by electrical arcing during high-current switching. #### C. The Armature and Spring System * **Mechanism:** A mechanical linkage that moves when the coil is energized. * **R-Suffix:** The "R" usually indicates a **RoHS compliant** version or a specific **Resistive** load optimization. --- ### 3. Application Use-Cases Because of its robust design, the MEH52XAG-R is commonly found in: 1. **Automotive Electronics:** Controlling high-power fans, pumps, or heaters. 2. **Industrial Controls:** Interfacing low-power logic circuits (PLCs) with high-power motors. 3. **Home Appliances:** High-current switching in washing machines or air conditioning compressors. --- ### 4. Typical Connection Diagram In a standard circuit, the relay is wired as follows: ```mermaid graph LR A[Control Signal] --> B(Relay Coil) B --> C[Ground] D[High Power Source] --- E{Relay Contacts} E --- F[Load/Motor] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage rating for the MEH52XAG-R?
    • ⤷ Can this relay be used for AC load switching
    • ⤷ or is it DC only?
    • ⤷ What are the physical dimensions for PCB footprint planning?